Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-MC526-622.08 Datasheet(PDF) 10 Page - Fox Electronics

Part # FXO-MC526-622.08
Description  LVDS 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-MC526-622.08 Datasheet(HTML) 10 Page - Fox Electronics

Back Button FXO-MC526-622.08 Datasheet HTML 6Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 7Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 8Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 9Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 10Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 11Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 12Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 13Page - Fox Electronics FXO-MC526-622.08 Datasheet HTML 14Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FXO-LC52 Series
Page 10 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Material Name
Component
Content
Content
(mg)
(wt%)
(CAS Number)
Cover
Kovar
Nickel (Ni)
1.890
3.09%
7440-02-0
Cobalt (Co)
1.113
1.82%
7440-48-4
Iron (Fe)
3.540
5.78%
7439-89-6
Base
Ceramic
Alumina (Al2O3)
35.484
57.98%
1344-28-1
Silicon Oxide (SiO2)
1.733
2.83%
14808-60-7
Chromium Oxide (Cr2O3)
0.268
0.44%
1308-38-9
Molybdenum Oxide (MoO2)
0.364
0.59%
18868-43-4
Magnesium Oxide (MgO)
0.234
0.38%
1309-48-4
Calcium Oxide (CaO)
0.253
0.41%
1305-78-8
+ Metallization
Tungsten (W)
6.290
10.28%
7440-33-7
Molybdenum (Mo)
0.195
0.32%
7439-98-7
+ Nickel Plating
Nickel (Ni)
0.810
1.32%
7440-02-0
Cobalt (Co)
0.203
0.33%
7440-48-4
+ Gold Plating
Gold (Au)
0.281
0.46%
7440-57-5
+Seal ring
Iron (Fe)
2.438
3.98%
7439-89-6
Nickel (Ni)
1.309
2.14%
7440-02-0
Cobalt (Co)
0.768
1.25%
7440-48-4
+silver solder
Silver (Ag)
1.191
1.95%
7440-22-4
Copper (Cu)
0.210
0.34%
7440-50-8
IC
IC
Aluminum (Al)
0.0021
0.00343%
7429-90-5
Silicon (Si)
0.950
1.55%
7440-21-3
Gold
Gold (Au)
0.480
0.784%
7440-57-5
Adhesive
Silver (Ag)
0.000210
0.000343%
7440-22-4
Epoxy
0.0000700
0.0001144%
Crystal
Crystal
Silicon Dioxide (SiO2)
1.170
1.91%
14808-60-7
Electrode
Silver (Ag)
0.019
0.0310%
7440-22-4
Nickel (Ni)
0.000159
0.000260%
7440-02-0
Adhesive
Silver (Ag)
0.00037
0.000605%
7440-22-4
Silicon (Si)
0.000125
0.000204%
7440-21-3
TOTAL
61.196
100.00%
RoHS Material Declaration


Similar Part No. - FXO-MC526-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-MC526R FOX-FXO-MC526R Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXO-MC526-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com