Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC736R-106.25 Datasheet(PDF) 6 Page - Fox Electronics

Part # FXO-HC736R-106.25
Description  HCMOS 7 x 5mm 3.3V Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC736R-106.25 Datasheet(HTML) 6 Page - Fox Electronics

Back Button FXO-HC736R-106.25 Datasheet HTML 2Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 3Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 9Page - Fox Electronics FXO-HC736R-106.25 Datasheet HTML 10Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FXO-HC73 Series
Page 6 of 14
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 8)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
5.2 Max
1.4 Max
7.5 Max
Solder Pad Layout
Recommended
#1
#2
#3
#1
TP*
#3
#2
1.4
5.08
2.6
2.0
1.8
4.2
#4
TP*
#4
2.54
Pin 1 Designator
(FOX Head or Dot)
Note: XPRESSO HCMOS XOs are designed to fit on
industry standard, 4 pad, layouts.
5.08
Pin Connections
#1) E/D
#3 Output
#2 GND
#4 VDD
*TP are test points and are NC
Top
View
Bottom
View


Similar Part No. - FXO-HC736R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC736R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
logo
Fox Electronics
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com