Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC72 Datasheet(PDF) 9 Page - Fox Electronics

Part # FXO-HC72
Description  HCMOS 7 x 5mm 2.5V Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC72 Datasheet(HTML) 9 Page - Fox Electronics

Back Button FXO-HC72 Datasheet HTML 5Page - Fox Electronics FXO-HC72 Datasheet HTML 6Page - Fox Electronics FXO-HC72 Datasheet HTML 7Page - Fox Electronics FXO-HC72 Datasheet HTML 8Page - Fox Electronics FXO-HC72 Datasheet HTML 9Page - Fox Electronics FXO-HC72 Datasheet HTML 10Page - Fox Electronics FXO-HC72 Datasheet HTML 11Page - Fox Electronics FXO-HC72 Datasheet HTML 12Page - Fox Electronics FXO-HC72 Datasheet HTML 13Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FXO-HC72 Series
Page 9 of 14
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Material Name
Component
Content
Content
(mg)
(wt%)
(CAS Number)
Cover
Kovar
Nickel (Ni)
5.09
3.63%
7440-02-0
Cobalt (Co)
3.15
2.24%
7440-48-4
Iron (Fe)
9.47
6.75%
7439-89-6
Base
Ceramic
Alumina (Al2O3)
79.178
56.4%
1344-28-1
Silicon Oxide (SiO2)
3.143
2.24%
14808-60-7
Chromium Oxide (Cr2O3)
3.379
2.41%
1308-38-9
Titanium Oxide (TiO2)
0.873
0.622%
13463-67-7
Magnesium Oxide (MgO)
0.437
0.311%
1309-48-4
Calcium Oxide (CaO)
0.297
0.212%
1305-78-8
+ Metallization
Tungsten (W)
12.272
8.74%
7440-33-7
Molybdenum (Mo)
0.380
0.27%
7439-98-7
+ Nickel Plating
Nickel (Ni)
4.740
3.38%
7440-02-0
Cobalt (Co)
0.395
0.28%
7440-48-4
+ Gold Plating
Gold (Au)
0.624
0.445%
7440-57-5
+Seal ring
Iron (Fe)
5.809
4.14%
7439-89-6
Nickel (Ni)
3.119
2.22%
7440-02-0
Cobalt (Co)
1.829
1.30%
7440-48-4
+silver solder
Silver (Ag)
2.269
1.62%
7440-22-4
Copper (Cu)
0.400
0.285%
7440-50-8
IC
IC
Aluminum (Al)
0.0021
0.00150%
7429-90-5
Silicon (Si)
0.950
0.68%
7440-21-3
Gold
Gold (Au)
0.480
0.342%
7440-57-5
Adhesive
Silver (Ag)
0.000210
0.000150%
7440-22-4
Epoxy
0.0000700
0.0000499%
Crystal
Crystal
Silicon Dioxide (SiO2)
2.04
1.45%
14808-60-7
Electrode
Silver (Ag)
0.019
0.0135%
7440-22-4
Nickel (Ni)
0.000159
0.000113%
7440-02-0
Adhesive
Silver (Ag)
0.00037
0.000264%
7440-22-4
Silicon (Si)
0.000125
0.000089%
7440-21-3
TOTAL
140.3
100.00%
RoHS Material Declaration


Similar Part No. - FXO-HC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730 ETC2-FXO-HC730 Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730-106.25 FOX-FXO-HC730-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730R-106.25 FOX-FXO-HC730R-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com