Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

941C30S15K-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 941C30S15K-F
Description  High dV/dt, Metallized Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

941C30S15K-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  941C30S15K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 941C30S15K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
I
RMS
Catalog
Typical Typical
70 ºC
Cap.
Part Number
T
W
L
d
ESR
ESL dV/dt I peak 100 kHz
(µF)
Inches(mm) Inches (mm) Inches (mm) Inches (mm) (mΩ)
(nH) (V/µs) (A)
(A)
1000 Vdc (500 Vac)
.15
941C10P15K-F
.441(11.2)
.688 (17.5)
1.339 (34.0)
.032 (0.8)
7
20
856
128
7.4
.22
941C10P22K-F
.535(13.6)
.782 (19.9)
1.339 (34.0)
.040 (1.0)
7
21
856
188
8.1
.33
941C10P33K-F
.658(16.7)
.906 (23.0)
1.339 (34.0)
.040 (1.0)
6
22
856
283
9.7
.47
941C10P47K-F
.790(20.1)
1.037 (26.3)
1.339 (34.0)
.047 (1.2)
5
24
856
402
11.7
.68
941C10P68K-F
.955(24.2)
1.203 (30.5)
1.339 (34.0)
.047 (1.2)
5
26
856
582
13.0
1.0
941C10W1K-F
.803(20.4)
1.174 (29.8)
1.811 (46.0)
.047 (1.2)
5
24
480
480
13.8
1.5
941C10W1P5K-F
1.001(25.4)
1.372 (34.8)
1.811 (46.0)
.047 (1.2)
4
31
480
720
17.3
2.0
941C10W2K-F
1.169(29.7)
1.540 (39.1)
1.811 (46.0)
.047 (1.2)
3
33
480
960
21.7
1200 Vdc (500 Vac)
.10
941C12P1K-F
.462(11.7)
.709 (18.0)
1.339 (34.0)
.032 (0.8)
9
20
1142
114
6.7
.15
941C12P15K-F
.568(14.4)
.815 (20.7)
1.339 (34.0)
.040 (1.0)
7
21
1142
171
8.3
.22
941C12P22K-F
.691(17.5)
.938 (23.8)
1.339 (34.0)
.040 (1.0)
7
23
1142
251
9.2
.33
941C12P33K-F
.575(14.6)
.946 (24.0)
1.811 (46.0)
.040 (1.0)
7
21
640
211
10.0
.47
941C12P47K-F
.698(17.7)
1.069 (27.1)
1.811 (46.0)
.047 (1.2)
7
28
640
301
10.9
.68
941C12P68K-F
.854(21.7)
1.225 (31.1)
1.811 (46.0)
.047 (1.2)
6
30
640
435
13.0
1.0
941C12W1K-F
1.053(26.7)
1.423 (36.1)
1.811 (46.0)
.047 (1.2)
5
32
640
640
15.9
1.5
941C12W1P5K-F
1.088(27.6)
1.582 (40.2)
2.126 (54.0)
.047 (1.2)
4
36
502
754
19.7
1600 Vdc (630 Vac)
.10
941C16P1K-F
.565 (14.3)
.813 (20.6)
1.339 (34.0)
.040 (1.0)
7
21
1427
143
8.3
.15
941C16P15K-F
.696 (17.7)
.943 (23.9)
1.339 (34.0)
.040 (1.0)
5
23
1427
214
11.0
.22
941C16P22K-F
.848 (21.5)
1.095 (27.8)
1.339 (34.0)
.047 (1.2)
7
24
1427
314
10.3
.33
941C16P33K-F
.715 (18.2)
1.086 (27.6)
1.811 (46.0)
.047 (1.2)
7
23
800
264
11.0
.47
941C16P47K-F
.867 (22.0)
1.238 (31.4)
1.811 (46.0)
.047 (1.2)
6
30
800
376
13.1
.68
941C16P68K-F
1.059 (26.9)
1.430 (36.3)
1.811 (46.0)
.047 (1.2)
6
32
800
544
14.5
1.0
941C16W1K-F
1.303 (33.1)
1.674 (42.5)
1.811 (46.0)
.047 (1.2)
5
35
800
800
17.9
1.5
941C16W1P5K-F
1.358 (34.5)
1.852 (47.0)
2.126 (54.0)
.047 (1.2)
4
39
628
942
22.2
2000 Vdc (630 Vac)
.022 941C20S22K-F
.313 (7.9)
.561 (14.2)
1.339 (34.0)
.032 (0.8)
35
18
1712
38
2.8
.033 941C20S33K-F
.382 (9.7)
.629 (16.0)
1.339 (34.0)
.032 (0.8)
20
19
1712
57
4.1
.047 941C20S47K-F
.456 (11.6)
.703 (17.8)
1.339 (34.0)
.032 (0.8)
12
20
1712
80
5.7
.068 941C20S68K-F
.550 (14.0)
.797 (20.2)
1.339 (34.0)
.040 (1.0)
8
21
1712
116
7.7
.10
941C20P1K-F
.670 (17.0)
.917 (23.3)
1.339 (34.0)
.040 (1.0)
7
22
1712
171
9.1
.15
941C20P15K-F
.557 (14.1)
.928 (23.6)
1.811 (46.0)
.040 (1.0)
7
21
960
144
9.8
.22
941C20P22K-F
.686 (17.4)
1.057 (26.8)
1.811 (46.0)
.040 (1.0)
8
28
960
211
10.1
.33
941C20P33K-F
.856 (21.7)
1.227 (31.2)
1.811 (46.0)
.047 (1.2)
8
30
960
317
11.3
.47
941C20P47K-F
1.037 (26.3)
1.408 (35.8)
1.811 (46.0)
.047 (1.2)
6
32
960
451
14.4
.56
941C20P56K-F
.941 (23.9)
1.436 (36.5)
2.126 (54.0)
.047 (1.2)
7
31
754
422
13.9
.68
941C20P68K-F
1.050 (26.7)
1.545 (39.2)
2.126 (54.0)
.047 (1.2)
6
35
754
513
15.8
1.0
941C20W1K-F
1.303 (33.1)
1.797 (45.6)
2.126 (54.0)
.047 (1.2)
5
38
754
754
19.4
3000 Vdc (750 Vac)
.010 941C30S1K-F
.308 (7.8)
.555 (14.1)
1.339 (34.0)
.032 (0.8)
60
18
2568
26
2.2
.015 941C30S15K-F
.375 (9.5)
.622 (15.8)
1.339 (34.0)
.032 (0.8)
40
19
2568
39
2.9
.022 941C30S22K-F
.454 (11.5)
.701 (17.8)
1.339 (34.0)
.032 (0.8)
25
20
2568
57
4.0
.033 941C30S33K-F
.558 (14.2)
.805 (20.4)
1.339 (34.0)
.040 (1.0)
14
21
2568
85
5.8
.047 941C30S47K-F
.446 (11.3)
.817 (20.7)
1.811 (46.0)
.040 (1.0)
14
20
1440
68
6.3
.068 941C30S68K-F
.545 (13.8)
.916 (23.3)
1.811 (46.0)
.040 (1.0)
12
26
1440
98
7.4
.10
941C30P1K-F
.673 (17.1)
1.044 (26.5)
1.811 (46.0)
.047 (1.2)
10
28
1440
144
9.0
.15
941C30P15K-F
.839 (21.3)
1.210 (30.7)
1.811 (46.0)
.047 (1.2)
8
30
1440
216
11.2


Similar Part No. - 941C30S15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
941C30S15K-F CDE-941C30S15K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
941C30S15K-F CDE-941C30S15K-F Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
More results

Similar Description - 941C30S15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com