Part Name
         Description
FXO-HC52

 HCMOS 5 x 3.2mm 2.5V Oscillator ( 15 Page)


FOX
100% 
Zoom Out Zoom In
 
 5 page
background image
FXO-HC52 Series
Page 5 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 2.5V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 2.5V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.Per MJSQ spec
(Methodologies for Jitter and Signal Quality specifications)
Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
2.1
3.1
pS RMS
106.25 MHz
1.2
3.5
pS RMS
125 MHz
1.1
2.7
pS RMS
156.25 MHz
0.8
3.7
pS RMS
Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.3
8.4
27.6 pS
106.25 MHz
1.4
8.3
27.7 pS
125 MHz
1.3
6.7
25.6 pS
156.25 MHz
1.4
9.7
29.5 pS
Phase Noise
10
-160dBc
-140dBc
-150dBc
-130dBc
-120dBc
-110dBc
-90dBc
-80dBc
-100dBc
-50dBc
-70dBc
-60dBc
-20dBc
-30dBc
-40dBc
0 dBc
-10dBc
Data Collected using HP 3048A
1M
100k
10k
100
1k
Offset Frequency
(10Hz to 40MHz)
40M
10M
62.5 MHz
156.25MHz
(dBc / Hz) vs. offset frequency
2.5V Phase Noise Graphs
Four Frequencies from Jitter Tables
106.25 MHz
125MHz
62.5 MHz
156.25MHz
125MHz
62.5 MHz only to 2 MHz offset Equipment Limitation



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FVXO-HC52HCMOS 5 x 3.2mm 2.5V VCXO 1 2 3 4 5 MoreFox Electronics
F4400HCMOS 7.5x5mm 2.5V SMD Oscillator 1 2 Fox Electronics
F547HCMOS 5x3.2mm 2.5V SMD Oscillator 1 2 Fox Electronics
F540LHCMOS 5x3.2mm 2.5V SMD Oscillator 1 2 Fox Electronics
F340HCMOS 3.2x2.5mm 2.5V SMD Oscillator 1 2 Fox Electronics
F240HCMOS 2.5x2mm 2.5V Oscillator 1 2 Fox Electronics
ASFL22.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR 1 2 Abracon Corporation
ASAHCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR 1 Abracon Corporation
CSO-018TClock Oscillator 5X7 mm SMD 3.3V HCMOS 1 Crystek Corporation
F4100_13.3V HCMOS SMD Oscillator 1 2 Fox Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl