Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB7102 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB7102
Description  0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7102 Datasheet(HTML) 8 Page - STMicroelectronics

  STB7102 Datasheet HTML 1Page - STMicroelectronics STB7102 Datasheet HTML 2Page - STMicroelectronics STB7102 Datasheet HTML 3Page - STMicroelectronics STB7102 Datasheet HTML 4Page - STMicroelectronics STB7102 Datasheet HTML 5Page - STMicroelectronics STB7102 Datasheet HTML 6Page - STMicroelectronics STB7102 Datasheet HTML 7Page - STMicroelectronics STB7102 Datasheet HTML 8Page - STMicroelectronics STB7102 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STB7102
8/9
SOT323-6L MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.0031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.088
E
1.15
1.35
0.045
0.59
e
0.65
0.025
H
1.8
2.4
0.071
0.094
Q
0.1
0.4
0.004
0.016
DIM.


Similar Part No. - STB7102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7102 STMICROELECTRONICS-STB7102 Datasheet
145Kb / 10P
   0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
STB7102TR STMICROELECTRONICS-STB7102TR Datasheet
145Kb / 10P
   0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
More results

Similar Description - STB7102

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
logo
Mini-Circuits
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC422MS8 HITTITE-HMC422MS8 Datasheet
212Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.2 - 2.5 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com