Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-100-4AE-S Datasheet(PDF) 2 Page - Anaren Microwave

Part # RFP-100-4AE-S
Description  Full Flange Attenuators 100 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-100-4AE-S Datasheet(HTML) 2 Page - Anaren Microwave

  RFP-100-4AE-S Datasheet HTML 1Page - Anaren Microwave RFP-100-4AE-S Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model RFP-100-XXAE-S
Specifications
PART NUMBER
ATTENUATION
VALUE
(A-B)
VALUE
(A-C)
VALUE
(B-C)
TOL.
VSWR
FREQ. (GHz)
RFP-100-1AE-S
1 db ± 0.4
5.8
435.9
435.9
± 4%
1.45:1
DC -1 GHZ
RFP-100-2AE-S
2 db ± 0.4
11.4
220.7
220.7
± 4%
1.40:1
DC -1 GHZ
RFP-100-3AE-S
3 db ± 0.4
17.0
150.5
150.5
± 4%
1.35:1
DC -1 GHZ
RFP-100-4AE-S
4 db ± 0.3
22.6
116.3
116.3
± 4%
1.30:1
DC -1 GHZ
RFP-100-5AE-S
5 db ± 0.3
28.0
96.0
96.0
± 4%
1.25:1
DC -1 GHZ
RFP-100-6AE-S
6 db ± 0.3
32.2
83.6
83.6
± 4%
1.20:1
DC -1 GHZ
RFP-100-9AE-S
9 db ± 0.3
47.6
64.4
64.4
± 4%
1.20:1
DC -1 GHZ
RFP-100-10AE-S
10 db ± 1.2
52.0
61.0
61.0
± 4%
1.25:1
DC -2 GHZ
RFP-100-20AE-S
20 db ± 0.5
81.7
50.9
50.9
± 4%
1.20:1
DC -2.5 GHZ
RFP-100-22AE-S
22 db ± 0.5
85.3
50.6
50.6
± 4%
1.20:1
DC -1 GHZ
RFP-100-30AE-S
30 db ± 2.0
92.5
49.6
49.6
± 4%
1.20:1
DC -2 GHZ
Suggested Mounting Procedure
Power Derating
100-XXAE-S (097) Rev B


Similar Part No. - RFP-100-4AE-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100-100RW ANAREN-RFP-100-100RW Datasheet
513Kb / 2P
   Flanged Resistors 100 Watts, 100 ohm
RFP-100-100RW-S ANAREN-RFP-100-100RW-S Datasheet
222Kb / 2P
   Full Flange Resistor 100 Watts, 100Ohms
RFP-100-50RW-S ANAREN-RFP-100-50RW-S Datasheet
202Kb / 2P
   Full Flange Resistor 100 Watts, 50Ohms
logo
List of Unclassifed Man...
RFP-100-50SMA-B ETC1-RFP-100-50SMA-B Datasheet
110Kb / 2P
   Cable & Coaxial Terminations
logo
Anaren Microwave
RFP-100-50TW ANAREN-RFP-100-50TW Datasheet
86Kb / 2P
   Flanged Terminations
More results

Similar Description - RFP-100-4AE-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
100NXXAE ANAREN-100NXXAE Datasheet
180Kb / 2P
   Full Flange Attenuators
RFP-100-50RW-S ANAREN-RFP-100-50RW-S Datasheet
202Kb / 2P
   Full Flange Resistor 100 Watts, 50Ohms
RFP-100-100RW-S ANAREN-RFP-100-100RW-S Datasheet
222Kb / 2P
   Full Flange Resistor 100 Watts, 100Ohms
RFP-100NXXAF ANAREN-RFP-100NXXAF Datasheet
244Kb / 2P
   Flangeless Attenuators 100 Watts
RFP-150-50TCGF-S ANAREN-RFP-150-50TCGF-S Datasheet
351Kb / 2P
   Full Flange Termination 150 Watts, 50Ohms
J100N50X4 ANAREN-J100N50X4 Datasheet
182Kb / 2P
   Half Flange Termination 100 Watts, 50W
H100NA20X4 ANAREN-H100NA20X4 Datasheet
339Kb / 2P
   Flange Attenuator 100 Watts, 20 dB
logo
List of Unclassifed Man...
FA1 ETC2-FA1 Datasheet
65Kb / 2P
   High Power Flange Mount Attenuators
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
Anaren Microwave
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
   Flange Mount Termination 100 Watts, 50廓
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com