Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

941C6W2K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 941C6W2K-F
Description  High dV/dt, Metallized Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

941C6W2K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  941C6W2K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 941C6W2K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
Ratings
Type 941C flat, oval film capacitors are constructed with polypropylene film and
dual metallized electrodes for both self healing properties and high peak current
carrying capability (dV/dt). This series features low ESR characteristics, excellent
high frequency and high voltage capabilities.
Construction
850 Vdc and Higher
Double
Metallized
Polyester
Polypropylene
Metallized Polypropylene
Oval Axial Leaded Capacitors
Capacitance Range: .01 µF to 4.7 µF
Voltage Range: 600 to 3000 Vdc (275 to 750 Vac, 60 Hz)
Capacitance Tolerance: ±10%
Operating Temperature Range: –55 ºC to 105 ºC
Specifications
1.625
(41 mm)
Min
1.625
(41 mm)
Min
W Max
T
Max
L Max
d
*Full rated at 85 ºC, Derate linearly to 50% rated voltage at 105 ºC
NOTE: Refer to Application Guide for test conditions. Contact us for other capacitance values, sizes and performance specifications
Note
: Refer to Application Guide for test conditions. Contact us for other
capacitance values, sizes and performance specifications
I
RMS
Catalog
Typical Typical
70 ºC
Cap.
Part Number
T
W
L
d
ESR
ESL dV/dt I peak 100 kHz
(µF)
Inches (mm) Inches (mm) Inches (mm) Inches (mm) (mΩ)
(nH) (V/µs) (A)
(A)
600 Vdc (275 Vac)
.10
941C6P1K-F
.223 (5.7)
.470 (11.9)
1.339 (34.0)
.032 (0.8)
28
17
196
20
2.8
.15
941C6P15K-F
.266 (6.8)
.513 (13.0)
1.339 (34.0)
.032 (0.8)
13
18
196
29
4.4
.22
941C6P22K-F
.318 (8.1)
.565 (14.3)
1.339 (34.0)
.032 (0.8)
12
19
196
43
4.9
.33
941C6P33K-F
.387 (9.8)
.634 (16.1)
1.339 (34.0)
.032 (0.8)
9
19
196
65
6.1
.47
941C6P47K-F
.462 (11.7)
.709 (18.0)
1.339 (34.0)
.032 (0.8)
7
20
196
92
7.6
.68
941C6P68K-F
.558 (14.2)
.805 (20.4)
1.339 (34.0)
.040 (1.0)
6
21
196
134
8.9
1.0
941C6W1K-F
.680 (17.3)
.927 (23.5)
1.339 (34.0)
.040 (1.0)
6
23
196
196
9.9
1.5
941C6W1P5K-F
.837 (21.3)
1.084 (27.5)
1.339 (34.0)
.047 (1.2)
5
24
196
295
12.1
2.0
941C6W2K-F
.717 (18.2)
1.088 (27.6)
1.811 (46.0)
.047 (1.2)
5
28
128
255
13.1
3.3
941C6W3P3K-F
.886 (22.5)
1.253 (31.8)
2.126 (54.0)
.047 (1.2)
4
34
105
346
17.3
4.7
941C6W4P7K-F
1.125 (28.6)
1.311 (33.3)
2.126 (54.0)
.047 (1.2)
4
36
105
492
18.7
850 Vdc (450 Vac)
.15
941C8P15K-F
.378(9.6)
.625 (15.9)
1.339 (34.0)
.032 (0.8)
8
19
713
107
6.4
.22
941C8P22K-F
.458(11.6)
.705 (17.9)
1.339 (34.0)
.032 (0.8)
8
20
713
157
7.0
.33
941C8P33K-F
.562(14.3)
.810 (20.6)
1.339 (34.0)
.040 (1.0)
7
21
713
235
8.3
.47
941C8P47K-F
.674(17.1)
.922 (23.4)
1.339 (34.0)
.040 (1.0)
5
22
713
335
10.8
.68
941C8P68K-F
.815(20.7)
1.063 (27.0)
1.339 (34.0)
.047 (1.2)
4
24
713
485
13.3
1.0
941C8W1K-F
.679(17.2)
1.050 (26.7)
1.811 (46.0)
.047 (1.2)
5
28
400
400
12.7
1.5
941C8W1P5K-F
.847(21.5)
1.218 (30.9)
1.811 (46.0)
.047 (1.2)
4
30
400
600
15.8
2.0
941C8W2K-F
.990(25.1)
1.361 (34.6)
1.811 (46.0)
.047 (1.2)
3
31
400
800
19.8
2.2
941C8W2P2K-F
1.042(26.5)
1.413 (35.9)
1.811 (46.0)
.047 (1.2)
3
32
400
880
20.4
2.5
941C8W2P5K-F
1.117(28.4)
1.488 (37.8)
1.811 (46.0)
.047 (1.2)
3
33
400
1000
21.2
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).


Similar Part No. - 941C6W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
941C6W2K-F CDE-941C6W2K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
941C6W2K-F CDE-941C6W2K-F Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
More results

Similar Description - 941C6W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com