Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C8201GAC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # C0805C8201GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0805C8201GAC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  C0805C8201GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0805C8201GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
X7R Temperature Coefficient
Cap
Catalog Part Number 1206 Size Code
Cap
Catalog Part Number 1210 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
1000 pF C1206C102*5RAC C1206C102*1RAC C1206C102*2RAC
2200 pF C1210C222*5RAC C1210C222*1RAC C1210C222*2RAC
1200 pF C1206C122*5RAC C1206C122*1RAC C1206C122*2RAC
2700 pF C1210C272*5RAC C1210C272*1RAC C1210C272*2RAC
1500 pF C1206C152*5RAC C1206C152*1RAC C1206C152*2RAC
3300 pF C1210C332*5RAC C1210C332*1RAC C1210C332*2RAC
1800 pF C1206C182*5RAC C1206C182*1RAC C1206C182*2RAC
3900 pF C1210C392*5RAC C1210C392*1RAC C1210C392*2RAC
2200 pF C1206C222*5RAC C1206C222*1RAC C1206C222*2RAC
4700 pF C1210C472*5RAC C1210C472*1RAC C1210C472*2RAC
2700 pF C1206C272*5RAC C1206C272*1RAC C1206C272*2RAC
5600 pF C1210C562*5RAC C1210C562*1RAC C1210C562*2RAC
3300 pF C1206C332*5RAC C1206C332*1RAC C1206C332*2RAC
6800 pF C1210C682*5RAC C1210C682*1RAC C1210C682*2RAC
3900 pF C1206C392*5RAC C1206C392*1RAC C1206C392*2RAC
8200 pF C1210C822*5RAC C1210C822*1RAC C1210C822*2RAC
4700 pF C1206C472*5RAC C1206C472*1RAC C1206C472*2RAC
10000 pF C1210C103*5RAC C1210C103*1RAC C1210C103*2RAC
5600 pF C1206C562*5RAC C1206C562*1RAC C1206C562*2RAC
12000 pF C1210C123*5RAC C1210C123*1RAC C1210C123*2RAC
6800 pF C1206C682*5RAC C1206C682*1RAC C1206C682*2RAC
15000 pF C1210C153*5RAC C1210C153*1RAC C1210C153*2RAC
8200 pF C1206C822*5RAC C1206C822*1RAC C1206C822*2RAC
18000 pF C1210C183*5RAC C1210C183*1RAC C1210C183*2RAC
10000 pF C1206C103*5RAC C1206C103*1RAC C1206C103*2RAC
22000 pF C1210C223*5RAC C1210C223*1RAC C1210C223*2RAC
12000 pF C1206C123*5RAC C1206C123*1RAC C1206C123*2RAC
27000 pF C1210C273*5RAC C1210C273*1RAC C1210C273*2RAC
15000 pF C1206C153*5RAC C1206C153*1RAC C1206C153*2RAC
33000 pF C1210C333*5RAC C1210C333*1RAC C1210C333*2RAC
18000 pF C1206C183*5RAC C1206C183*1RAC C1206C183*2RAC
39000 pF C1210C393*5RAC C1210C393*1RAC C1210C393*2RAC
22000 pF C1206C223*5RAC C1206C223*1RAC C1206C223*2RAC
47000 pF C1210C473*5RAC C1210C473*1RAC C1210C473*2RAC
27000 pF C1206C273*5RAC C1206C273*1RAC
56000 pF C1210C563*5RAC C1210C563*1RAC
33000 pF C1206C333*5RAC C1206C333*1RAC
68000 pF C1210C683*5RAC C1210C683*1RAC
39000 pF C1206C393*5RAC C1206C393*1RAC
82000 pF C1210C823*5RAC C1210C823*1RAC
47000 pF C1206C473*5RAC C1206C473*1RAC
.1 uF C1210C104*5RAC C1210C104*1RAC
56000 pF C1206C563*5RAC
.12 uF C1210C124*5RAC
68000 pF C1206C683*5RAC
.15 uF C1210C154*5RAC
82000 pF C1206C823*5RAC
.18 uF C1210C184*5RAC
.1 uF C1206C104*5RAC
.22 uF C1210C224*5RAC ^
.12 uF C1206C124*5RAC ^
.27 uF C1210C274*5RAC ^
.15 uF C1206C154*5RAC ^
.33 uF C1210C334*5RAC ^
.18 uF C1206C184*5RAC ^
.22 uF C1206C224*5RAC ^
* Insert proper letter code for desired tolerance:
±10% (K) is standard
±5% (J); ±20% (M)
^ Parts with caret (^) following catalog number are
2.500 pcs per reel
All others are 4,000 pcs per reel
RoHS Compliant


Similar Part No. - C0805C8201GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C820G5GACTU KEMET-C0805C820G5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 82 pF, /-2% Tol, 50 V, C0G, 0805 (2012 metric)
C0805C820J1GACTU KEMET-C0805C820J1GACTU Datasheet
59Kb / 1P
   SMD Comm C0G, Ceramic, 82 pF, 5%, 100 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C820J5GACAUTO KEMET-C0805C820J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 82 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
C0805C820J5GACTU KEMET-C0805C820J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 82 pF, 5%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C820K5GACTU KEMET-C0805C820K5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 82 pF, 10%, 50 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0805C8201GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com