Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMM2P47K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMM2P47K-F
Description  Polyester Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMM2P47K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMM2P47K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers DMM2P47K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type DMM Polyester Film Capacitors
Ratings
RoHS Compliant
Metallized
Radial Leads
Specifications
DC Applications
Self Healing
Voltage Range: 100-630 Vdc (65-250 Vac, 60 Hz)
Capacitance Range: .01-10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: -55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 150% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1 kHz)
Insulation Resistance: 5,000 Mx µF
10,000 MMin.
Life Test: 1,000 Hours at 85 °C at
125% Rated Voltage
NOTE: Other capacitance values, sizes and
performance specifications are available. Contact
us.
Type DMM radial-leaded, metallized polyester capacitors
have non-inductive windings and multi-layered epoxy
resin enhancing performace characteristics and humidity
resistance. Self healing characteristics prevent permanent
shorting due to high-voltage transients. When long life and
performance stability are critical Type DMM is the ideal
solution.
Cap.
(µF)
Catalog
Part Number
T Max.
Inches (mm)
H Max.
Inches (mm)
L Max.
Inches (mm)
S ±.06 (±1.5)
Inches (mm)
d
Inches (mm)
100 Vdc (65 Vac)
0.15 DMM1P15K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.22 DMM1P22K–F
0.236 (6.0) 0.414 (10.5) 0.551 (14.0) 0.394 (10.0) 0.024 (0.6)
0.33 DMM1P33K–F
0.236 (6.0) 0.414 (10.5) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.47 DMM1P47K–F
0.236 (6.0) 0.473 (12.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
0.68 DMM1P68K–F
0.276 (7.0) 0.551 (14.0) 0.709 (18.0) 0.591 (15.0) 0.024 (0.6)
1.00 DMM1W1K–F
0.354 (9.0) 0.591 (15.0) 0.709 (18.0) 0.591 (15.0) 0.032 (0.8)
1.50 DMM1W1P5K–F 0.354 (9.0) 0.670 (17.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
2.20 DMM1W2P2K–F 0.433 (11.0) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
3.30 DMM1W3P3K–F 0.453 (11.5) 0.788 (20.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
4.70 DMM1W4P7K–F 0.512 (13.0) 0.906 (23.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
6.80 DMM1W6P8K–F 0.630 (16.0) 1.024 (26.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
10.00 DMM1W10K–F
0.709 (18.0) 1.221 (31.0) 1.221 (31.0) 1.083 (27.5) 0.032 (0.8)
250 Vdc (160 Vac)
0.07 DMM2S68K–F
0.236 (6.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.10 DMM2P1K–F
0.276 (7.0) 0.394 (10.0) 0.551 (14.0) 0.390 (10.0) 0.024 (0.6)
0.15 DMM2P15K–F
0.276 (7.0) 0.433 (11.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.22 DMM2P22K–F
0.276 (7.0) 0.473 (12.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.33 DMM2P33K–F
0.276 (7.0) 0.512 (13.0) 0.709 (18.0) 0.590 (15.0) 0.024 (0.6)
0.47 DMM2P47K–F
0.315 (8.0) 0.591 (15.0) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
0.68 DMM2P68K–F
0.354 (9.0) 0.610 (15.5) 1.024 (26.0) 0.886 (22.5) 0.032 (0.8)
Pulse Capability
Body Length
Rated
Volts
0.55
0.71
0.94
1.024-1.220
1.38
dV/dt—volts per microsecond, maximum
100
20
12
8
6
250
28
17
12
8
7
400
46
28
15
14
12
630
72
43
28
21
17


Similar Part No. - DMM2P47K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMM2P47K-F CDE-DMM2P47K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results

Similar Description - DMM2P47K-F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com