Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A150N50X4B Datasheet(PDF) 1 Page - Anaren Microwave

Part # A150N50X4B
Description  Chip Termination 150 Watts, 50W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A150N50X4B Datasheet(HTML) 1 Page - Anaren Microwave

  A150N50X4B Datasheet HTML 1Page - Anaren Microwave A150N50X4B Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model A150N50X4B
Features:
• RoHS Compliant
• 150 Watts
• DC - 2.7 GHz
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Chip Termination
150 Watts, 50
Description
The A150N50X4B is high performance Aluminum Nitride (AlN) chip
termination intended as a cost competitive alternative to Beryllium Oxide
(BeO). The termination is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for terminating circulators, and for use in power
combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick film
Substrate
AlN Ceramic
Terminal Finish
Matte Tin over Nickel Barrier
Operating
Temperature
-55 to +200°C (see de rating chart)
Tolerance is ±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms, ± 2%
Power:
150 Watts
Frequency Range:
DC – 2.7 GHz
Return Loss
>26dB to 2.0 GHz
>20dB to 2.7 GHz
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
A150N50X4 (097) Rev E
Pb


Similar Part No. - A150N50X4B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
A150N50X4E ANAREN-A150N50X4E Datasheet
93Kb / 2P
   RoHS Compliant
More results

Similar Description - A150N50X4B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
G150N50W4B ANAREN-G150N50W4B Datasheet
203Kb / 2P
   Flange Mount Termination 150 Watts, 50W
E150N50X4 ANAREN-E150N50X4 Datasheet
134Kb / 2P
   Flangeless Mount Termination 150 Watts, 50W
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
   Chip Termination 300 Watts, 50W
A10A50X1A ANAREN-A10A50X1A Datasheet
200Kb / 2P
   Chip Termination 10 Watts, 50W
A100N50X4 ANAREN-A100N50X4 Datasheet
203Kb / 2P
   Chip Termination 100 Watts, 50W
A30B50X1A ANAREN-A30B50X1A Datasheet
262Kb / 2P
   Chip Termination 30 Watts, 50W
A40B50X1B ANAREN-A40B50X1B Datasheet
265Kb / 2P
   Chip Termination 40 Watts, 50W
RFP-40-50TPP-S ANAREN-RFP-40-50TPP-S Datasheet
285Kb / 2P
   Flangeless Termination 40 Watts, 50W
C12A50Z1A ANAREN-C12A50Z1A Datasheet
288Kb / 2P
   Surface Mount Termination 12 Watts, 50W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com