Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEO40A48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEO40A48
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO40A48 Datasheet(HTML) 1 Page - Astec America, Inc

  AEO40A48 Datasheet HTML 1Page - Astec America, Inc AEO40A48 Datasheet HTML 2Page - Astec America, Inc AEO40A48 Datasheet HTML 3Page - Astec America, Inc AEO40A48 Datasheet HTML 4Page - Astec America, Inc AEO40A48 Datasheet HTML 5Page - Astec America, Inc AEO40A48 Datasheet HTML 6Page - Astec America, Inc AEO40A48 Datasheet HTML 7Page - Astec America, Inc AEO40A48 Datasheet HTML 8Page - Astec America, Inc AEO40A48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 1 OF 30
JUNE 24, 2005 - REVISION B
AEO40x48 / ALO40x48 Single Output 8
th Brick: Baseplate or Open-Frame Module
The AEO40x48 / ALO40x48 series is Astec’s High Current 8
th Brick industry standard offering. Operating from an input voltage
range of 36V to 75V, the series provides 7 configured outputs starting from 1.2V all the way up to 12V. It delivers up to 40A max
current for 1.8V and lower at impressive levels of efficiency. It provides tight regulation and exhibits clean and monotonic output
start up characteristics. The AEO_ALO series comes with industry standard features such as Input UVLO; non-latching OCP,
OVP and OTP; Output Trim; Differential Remote Sense pins. Both baseplate (AEO) and open frame (ALO) construction are
available as well as TH or SMT termination. With its wide operating temperature range of -40°C to 85°C ambient, the converters
are deployable into almost any environment.
Special Features
Industry Standard 8
th Brick Footprint
Baseplate or Open frame construction
Low Ripple and Noise
Regulation to zero load
High Capacitive Load Start-up
Fixed Switching Frequency
Industry standard features: Input UVLO;
Enable; non-latching OVP, OCP and OTP;
Output Trim, Differential Remote Sense
Meets Basic Insulation
Environmental Specifications
-40ºC to 85ºC Operating Temperature
-55ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Control
Enable
TTL compatible
(Positive or Negative Logic Enable Options)
Output
Load Current
Up to 40A max (VO
≤ 1.8V)
Line/Load Regulation < 1% VO
Ripple and Noise
40mVP-P typical
Output Voltage
Adjust Range
±10% VO
Transient Response
2% Typical deviation
50% to 75% Load Change
20
µs settling time (Typ)
Remote Sense
+10%VO
Over Current
120% max
Protection
Over Voltage
130% max
Protection
Over Temperature
110
°C
Protection
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS


Similar Part No. - AEO40A48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO40A48 EMERSON-NETWORKPOWER-AEO40A48 Datasheet
1Mb / 4P
   66/120 Watts
AEO40A48-6 EMERSON-NETWORKPOWER-AEO40A48-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO40A48-6L EMERSON-NETWORKPOWER-AEO40A48-6L Datasheet
1Mb / 4P
   66/120 Watts
AEO40A48-L EMERSON-NETWORKPOWER-AEO40A48-L Datasheet
1Mb / 4P
   66/120 Watts
AEO40A48-S EMERSON-NETWORKPOWER-AEO40A48-S Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - AEO40A48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com