Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC1900A-03S Datasheet(PDF) 2 Page - Anaren Microwave

Part # XC1900A-03S
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC1900A-03S Datasheet(HTML) 2 Page - Anaren Microwave

  XC1900A-03S Datasheet HTML 1Page - Anaren Microwave XC1900A-03S Datasheet HTML 2Page - Anaren Microwave XC1900A-03S Datasheet HTML 3Page - Anaren Microwave XC1900A-03S Datasheet HTML 4Page - Anaren Microwave XC1900A-03S Datasheet HTML 5Page - Anaren Microwave XC1900A-03S Datasheet HTML 6Page - Anaren Microwave XC1900A-03S Datasheet HTML 7Page - Anaren Microwave XC1900A-03S Datasheet HTML 8Page - Anaren Microwave XC1900A-03S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC0450A-03
Rev B
Hybrid Coupler Pin Configuration
The XC0450A-03 has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
Configuration
Pin 1
Pin 2
Pin 3
Pin 4
Splitter
Input
Isolated
-3dB
90
θ
-3dB
θ
Splitter
Isolated
Input
-3dB
θ
-3dB
90
θ
Splitter
-3dB
90
θ
-3dB
θ
Input
Isolated
Splitter
-3dB
θ
-3dB
90
θ
Isolated
Input
*Combiner
A
90
θ
A
θ
Isolated
Output
*Combiner
A
θ
A
90
θ
Output
Isolated
*Combiner
Isolated
Output
A
90
θ
A
θ
*Combiner
Output
Isolated
A
θ
A
90
θ
*Note: “A” is the amplitude of the applied signals. When two quadrature signals with equal amplitudes are
applied to the coupler as described in the table, they will combine at the output port. If the amplitudes are
not equal, some of the applied energy will be directed to the isolated port.


Similar Part No. - XC1900A-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1900A-03S ANAREN-XC1900A-03S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC1900A-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com