Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEO30B48 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AEO30B48
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO30B48 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AEO30B48 Datasheet HTML 6Page - Astec America, Inc AEO30B48 Datasheet HTML 7Page - Astec America, Inc AEO30B48 Datasheet HTML 8Page - Astec America, Inc AEO30B48 Datasheet HTML 9Page - Astec America, Inc AEO30B48 Datasheet HTML 10Page - Astec America, Inc AEO30B48 Datasheet HTML 11Page - Astec America, Inc AEO30B48 Datasheet HTML 12Page - Astec America, Inc AEO30B48 Datasheet HTML 13Page - Astec America, Inc AEO30B48 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 10 OF 30
JUNE 24, 2005 - REVISION B
Figure 9. 12V output startup characteristic at VIN =
48Vdc, IO = Full Load, TA = 25
°C, C
O = 0.
Figure 10. 12V output ripple at VIN = 48Vdc, IO = Full
Load, TA = 25
°C.
Figure 12. 12V output transient response 50% to 75%
step change at VIN = 48Vdc, TA = 25
°C, C
O = 0.
Figure 11. 12V output transient response 25% to 50%
step change at VIN = 48Vdc, TA = 25
°C, C
O = 0.
Performance Curves
12V @ 10A (continued)


Similar Part No. - AEO30B48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO30B48 EMERSON-NETWORKPOWER-AEO30B48 Datasheet
1Mb / 4P
   66/120 Watts
AEO30B48-6 EMERSON-NETWORKPOWER-AEO30B48-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO30B48-6L EMERSON-NETWORKPOWER-AEO30B48-6L Datasheet
1Mb / 4P
   66/120 Watts
AEO30B48-L EMERSON-NETWORKPOWER-AEO30B48-L Datasheet
1Mb / 4P
   66/120 Watts
AEO30B48-S EMERSON-NETWORKPOWER-AEO30B48-S Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - AEO30B48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com