Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2100A-05 Datasheet(PDF) 1 Page - Anaren Microwave

Part # XC2100A-05
Description  5 dB Directional Coupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100A-05 Datasheet(HTML) 1 Page - Anaren Microwave

  XC2100A-05 Datasheet HTML 1Page - Anaren Microwave XC2100A-05 Datasheet HTML 2Page - Anaren Microwave XC2100A-05 Datasheet HTML 3Page - Anaren Microwave XC2100A-05 Datasheet HTML 4Page - Anaren Microwave XC2100A-05 Datasheet HTML 5Page - Anaren Microwave XC2100A-05 Datasheet HTML 6Page - Anaren Microwave XC2100A-05 Datasheet HTML 7Page - Anaren Microwave XC2100A-05 Datasheet HTML 8Page - Anaren Microwave XC2100A-05 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-05
Rev C
5 dB Directional Coupler
Description
The XC2100A-05 is a low profile, high performance 5dB directional coupler
in a new easy to use, manufacturing friendly surface mount package. It is
designed for UMTS and other 3G band applications. The XC2100A-05 is
designed particularly for non-binary split and combine in high power
amplifiers, e.g. used along with a 3dB to get a 3-way, plus other signal
distribution applications where low insertion loss is required. It can be used
in high power applications up to 175 Watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4350,
and polyimide. Available in both 5 of 6 tin lead (XC2100A-05P) and 6 of 6
tin immersion (XC2100A-05S) RoHS compliant finishes.
Electrical Specifications
**
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Phase
Balance
MHz
dB
dB Max
Max : 1
Degrees
2000-2300
5.0 ± 0.22
0.15
1.15
90
±2.0
2110-2170
5.0 ± 0.19
0.12
1.12
90
±2.0
Directivity
Frequency
Sensitivity
Power
ΘJC
Operating
Temp.
dB Min
dB Max
Avg. CW Watts
ºC/Watt
ºC
23
± 0.05
125
19
-55 to +95
25
± 0.03
175
19
-55 to +95
Features:
• 2000 – 2300 MHz
• UMTS and other 3G
• High Power
• Very Low Loss
• Tight Coupling
• High Directivity
• Production Friendly
• Tape and Reel
• Available in Lead-Free (as
illustrated) or Tin-Lead
• Reliable, FIT=0.53
**Specification based on performance of unit properly installed on Anaren Test Board 58481-0001 with small
signal applied. Specifications subject to change without notice. Refer to parameter definitions for details.
XC2100A-05* Mechanical Outline
Dimensions are in Inches [Millimeters]
Side View
.064±.006
[1.62±0.15]
Bottom View (Far-Side)
Top View (Near-Side)
Denotes
Array Number
4X .040±.004
[1.02±0.10]
4X .059±.004 SQ
[1.50±0.10]
.430±.004
[10.92±0.10]
.220±.004
[5.59±0.10]
GND
GND
Pin 1
Pin 2
Pin 3
Pin 4
Pin 1
Pin 2
Pin 4
Pin 3
.560±.010
[14.22±0.25]
.350±.010
[8.89±0.25]
Orientation
Marker Denotes
Pin 1
*For RoHS Compliant Versions order with S suffix
Tolerances are Non-Cumulative


Similar Part No. - XC2100A-05

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100A-05P ANAREN-XC2100A-05P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC2100A-05P ANAREN-XC2100A-05P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC2100A-05S ANAREN-XC2100A-05S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC2100A-05S ANAREN-XC2100A-05S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC2100A-05

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1900A-05 ANAREN-XC1900A-05 Datasheet
652Kb / 21P
   5 dB Directional Coupler
XC0900A-05 ANAREN-XC0900A-05 Datasheet
649Kb / 21P
   5 dB Directional Coupler
logo
Tyco Electronics
CH35-0008-S MACOM-CH35-0008-S Datasheet
15Kb / 1P
   20 dB Directional Coupler 5 - 1000 MHz
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler, 5 - 1000 MHz
logo
Tyco Electronics
CH-140 MACOM-CH-140 Datasheet
120Kb / 2P
   20 dB Directional Coupler 5 - 1000 MHz
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XC1900A-10 ANAREN-XC1900A-10 Datasheet
574Kb / 22P
   10 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com