Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEO40Y48N Datasheet(PDF) 4 Page - Astec America, Inc

Part # AEO40Y48N
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO40Y48N Datasheet(HTML) 4 Page - Astec America, Inc

  AEO40Y48N Datasheet HTML 1Page - Astec America, Inc AEO40Y48N Datasheet HTML 2Page - Astec America, Inc AEO40Y48N Datasheet HTML 3Page - Astec America, Inc AEO40Y48N Datasheet HTML 4Page - Astec America, Inc AEO40Y48N Datasheet HTML 5Page - Astec America, Inc AEO40Y48N Datasheet HTML 6Page - Astec America, Inc AEO40Y48N Datasheet HTML 7Page - Astec America, Inc AEO40Y48N Datasheet HTML 8Page - Astec America, Inc AEO40Y48N Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 4 OF 30
JUNE 24, 2005 - REVISION B
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Efficiency
VIN = VIN,NOM; IO = IO,MAX
TA = 25 ºC;
B (12V)
A (5.0V)
F (3.3V)
G (2.5V)
Y (1.8V)
M (1.5V)
K (1.2V)
η
η
η
η
η
η
η
91.0
92.0
90.0
89.0
88.0
85.5
84.0
92.0
93.0
91.0
90.0
89.5
88.0
86.0
93.0
94.0
93.0
92.0
90.5
89.5
87.5
%
Output Over Voltage Protection
Non-latching / autorecovery
B (12V)
A (5.0V)
F (3.3V)
G (2.5V)
Y (1.8V)
M (1.5V)
K (1.2V)
VO,OVP
13.80
5.80
3.80
2.90
2.10
1.75
1.38
14.40
6.00
4.00
3.00
2.30
1.85
1.50
15.00
6.20
4.30
3.20
2.50
2.38
1.80
V
Over Temperature Protection
Autorecovery
All
110
-
120
°C
Input to Output Turn-On Delay
VIN = VIN,NOM, IO = IO,MAX
All
5V, 12V
-
-
-
-
-
17
20
ms
Enable to Output Turn-On Delay
VIN = VIN,NOM, IO = IO,MAX
All
5V, 12V
-
-
-
-
17
20
ms
Output Voltage Rise Time
10% to 90% of VO,NOM
VIN = VIN,NOM, IO = IO,MAX
All
5V
12V
-
-
-
-
-
-
3.0
4.0
9.0
9.0
11.0
16.0
ms
Switching Frequency
All
FSW
380
450
520
kHz
Output Voltage Remote Sensing
All
-
-
-
10
%VO
Output Voltage Trim Range
6
All
90
110
%VO
Output Voltage Overshoot
All
-
-
0
3
%Vo
Dynamic Response
di/dt = 0.1 A/
µs
Peak Deviation
∆I
O = 50% to 75% of Iomax
Settling Time
Vref = Vonom
Peak Deviation
∆I
O = 50% to 25% of Iomax
Settling Time
Vref = Vonom
All
All
All
All
-
-
-
-
-
-
-
-
2
-
2
-
5
250
5
250
%
µs
%
µs


Similar Part No. - AEO40Y48N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO40Y48N EMERSON-NETWORKPOWER-AEO40Y48N Datasheet
155Kb / 2P
   High Efficiency
AEO40Y48N EMERSON-NETWORKPOWER-AEO40Y48N Datasheet
1Mb / 4P
   66/120 Watts
AEO40Y48N-6 EMERSON-NETWORKPOWER-AEO40Y48N-6 Datasheet
155Kb / 2P
   High Efficiency
AEO40Y48N-6 EMERSON-NETWORKPOWER-AEO40Y48N-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO40Y48N-6L EMERSON-NETWORKPOWER-AEO40Y48N-6L Datasheet
155Kb / 2P
   High Efficiency
More results

Similar Description - AEO40Y48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com