Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC0900A-20 Datasheet(PDF) 4 Page - Anaren Microwave

Part # XC0900A-20
Description  20 dB Directional Coupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0900A-20 Datasheet(HTML) 4 Page - Anaren Microwave

  XC0900A-20 Datasheet HTML 1Page - Anaren Microwave XC0900A-20 Datasheet HTML 2Page - Anaren Microwave XC0900A-20 Datasheet HTML 3Page - Anaren Microwave XC0900A-20 Datasheet HTML 4Page - Anaren Microwave XC0900A-20 Datasheet HTML 5Page - Anaren Microwave XC0900A-20 Datasheet HTML 6Page - Anaren Microwave XC0900A-20 Datasheet HTML 7Page - Anaren Microwave XC0900A-20 Datasheet HTML 8Page - Anaren Microwave XC0900A-20 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC0900A-20
Rev F
Insertion Loss and Power Derating Curves
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25
°C and then averaged. The
measurements are performed under small signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at 95
°C, 150°C, and 200°C. A best-
fit line for the measured data is computed and then
plotted from -55
°C to 300°C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface
temperature
(base
plate
temperature),
maximum continuous operating temperature of the
coupler, and the thermal insertion loss. The thermal
insertion loss is defined in the Power Handling section of
the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.
-100
-50
0
50
100
150
200
250
300
350
-0.2
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Temperature of the Part (ºC)
Typical Insertion Loss Derating Curve for XC0900A-20
typical insertion loss (f=894MHz)
typical insertion loss (f=960MHz)
typical insertion loss (f=1000MHz)
0
25
50
75
100 125 150 175 200 225 250 275 300
0
25
50
75
100
125
150
175
200
225
250
275
Base Plate Temperature (ºC)
Power Derating Curve for XC0900A-20
power handling at 894MHz
power handling at 960MHz
power handling at 1000MHz


Similar Part No. - XC0900A-20

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900A-20P ANAREN-XC0900A-20P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0900A-20P ANAREN-XC0900A-20P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0900A-20S ANAREN-XC0900A-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0900A-20S ANAREN-XC0900A-20S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0900A-20

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC2100A-20 ANAREN-XC2100A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com