Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF604 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TF604
Description  6 Amp Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF604 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TF604 Datasheet HTML 1Page - TAITRON Components Incorporated TF604 Datasheet HTML 2Page - TAITRON Components Incorporated TF604 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TF60
1~ TF607
6AMP
FAST RECOVERY RECTIFIER
6 Amp Fast Recovery Rectifier
Features
• Fast recovery time with high efficiency
• low forward voltage drop at 6A
• High forward surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
Mechanical Data
Case:
T6, molded plastic
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208
Polarity:
Cathode indicated by color band
Weight:
0.055 Ounce, 1.65 gram
Maximum Ratings and Electrical Characteristics (T
A=25ºC unless noted otherwise)
Symbol
Description
TF
601
TF
602
TF
603
TF
604
TF
605
TF
606
TF
607
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
6
A
Note 1
IFSM
Peak Forward Surge
Current
200
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C
Dimensions in inches (mm)
T6
Rev. C/WW 2006-07-11
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel:
(800)-247-2232 (800)-TAITRON (661)-257-6060
Fax:
(800)-TAITFA
(800)-824-8329 (661)-257-6415


Similar Part No. - TF604

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF604L TAITRON-TF604L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
TF604LG TAITRON-TF604LG Datasheet
130Kb / 4P
   6.0A Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TF604

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PR6001 FUJI-PR6001 Datasheet
679Kb / 1P
   6 AMP FAST RECOVERY RECTIFIER
RKBPC6005 FUJI-RKBPC6005 Datasheet
795Kb / 1P
   6 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
Micro Commercial Compon...
TFR602G MCC-TFR602G Datasheet
1Mb / 2P
   6 Amp Fast Recovery Rectifier 120 Volts
FR6J MCC-FR6J_13 Datasheet
249Kb / 4P
   6 Amp Fast Recovery Rectifier 600 Volts
FR6J-TP MCC-FR6J-TP Datasheet
249Kb / 4P
   6 Amp Fast Recovery Rectifier 600 Volts
PB62F MCC-PB62F_13 Datasheet
352Kb / 4P
   6 Amp Fast Recovery Bridge Rectifier 200 Volts
PB62F MCC-PB62F Datasheet
128Kb / 3P
   6 Amp Fast Recovery Bridge Rectifier 200 Volts
FR6A MCC-FR6A_08 Datasheet
444Kb / 5P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A Datasheet
353Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
MR750FR MCC-MR750FR Datasheet
84Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com