Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF253 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TF253
Description  2.5A Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF253 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TF253 Datasheet HTML 1Page - TAITRON Components Incorporated TF253 Datasheet HTML 2Page - TAITRON Components Incorporated TF253 Datasheet HTML 3Page - TAITRON Components Incorporated TF253 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-04-29
TF251 – TF257
FR251 – FR257
2.5A Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
2.5A Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
R-3, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.40 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
TF
251
TF
252
TF
253
TF
254
TF
255
TF
256
TF
257
Symbol
Description
FR
251
FR
252
FR
253
FR
254
FR
255
FR
256
FR
257
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
2.5
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
150
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
R-3


Similar Part No. - TF253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF253 ETC2-TF253 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
More results

Similar Description - TF253

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF251 ETC2-TF251 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
logo
Leshan Radio Company
FR251 LRC-FR251 Datasheet
50Kb / 2P
   2.5A FAST RECOVERY DIODES
logo
Zibo Seno Electronic En...
FR251 ZSELEC-FR251 Datasheet
116Kb / 2P
   2.5A FAST RECOVERY DIODE
logo
Fuji Electric
ERC35 FUJI-ERC35 Datasheet
52Kb / 2P
   FAST RECOVERY DIODE( 200V / 2.5A )
logo
Zibo Seno Electronic En...
PG250R ZSELEC-PG250R Datasheet
136Kb / 2P
   2.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Shindengen Electric Mfg...
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
logo
Zibo Seno Electronic En...
FR251G ZSELEC-FR251G Datasheet
118Kb / 2P
   2.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Fuji Electric
ERD29 FUJI-ERD29 Datasheet
49Kb / 2P
   FAST RECOVERY DIODE( 200 to 600V / 2.5A )
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com