Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC0450B-30P Datasheet(PDF) 10 Page - Anaren Microwave

Part # XC0450B-30P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0450B-30P Datasheet(HTML) 10 Page - Anaren Microwave

Back Button XC0450B-30P Datasheet HTML 6Page - Anaren Microwave XC0450B-30P Datasheet HTML 7Page - Anaren Microwave XC0450B-30P Datasheet HTML 8Page - Anaren Microwave XC0450B-30P Datasheet HTML 9Page - Anaren Microwave XC0450B-30P Datasheet HTML 10Page - Anaren Microwave XC0450B-30P Datasheet HTML 11Page - Anaren Microwave XC0450B-30P Datasheet HTML 12Page - Anaren Microwave XC0450B-30P Datasheet HTML 13Page - Anaren Microwave XC0450B-30P Datasheet HTML 14Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC0450A-03
Rev B
Peak Power Handling
High-Pot testing of these couplers during the qualification procedure resulted in a minimum breakdown voltage of
1.7KV (minimum recorded value). This voltage level corresponds to a breakdown resistance capable of handling at
least 12dB peaks over average power levels, for very short durations. The breakdown location consistently occurred
across the air interface at the coupler contact pads (see illustration below). The breakdown levels at these points will
be affected by any contamination in the gap area around these pads. These areas must be kept clean for optimum
performance. It is recommended that the user test for voltage breakdown under the maximum operating conditions
and over worst case modulation induced power peaking. This evaluation should also include extreme environmental
conditions (such as high humidity).
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.
Test Plan
Xinger II couplers are manufactured in large panels and then separated. A sample population of parts is RF small
signal tested at room temperature in the fixture described above. All parts are DC tested for shorts/opens. (See
“Qualification Flow Chart” section for details on the accelerated life test procedures.)


Similar Part No. - XC0450B-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0450B-30P ANAREN-XC0450B-30P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0450B-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com