Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEO04Y48N Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEO04Y48N
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO04Y48N Datasheet(HTML) 1 Page - Astec America, Inc

  AEO04Y48N Datasheet HTML 1Page - Astec America, Inc AEO04Y48N Datasheet HTML 2Page - Astec America, Inc AEO04Y48N Datasheet HTML 3Page - Astec America, Inc AEO04Y48N Datasheet HTML 4Page - Astec America, Inc AEO04Y48N Datasheet HTML 5Page - Astec America, Inc AEO04Y48N Datasheet HTML 6Page - Astec America, Inc AEO04Y48N Datasheet HTML 7Page - Astec America, Inc AEO04Y48N Datasheet HTML 8Page - Astec America, Inc AEO04Y48N Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 1 OF 26
AUGUST 25, 2005 - REVISION G
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
The AEO_ALO04/12/20/25x48 series is Astec’s Low Current 8th Brick industry standard offering. Operating from an input
voltage range of 36V to 75V, the series provides 7 configured outputs starting from 1.2V all the way up to 12V. It delivers up
to 25A max current for 1.8V and lower voltages at impressive levels of efficiency. It provides tight regulation and exhibits
clean and monotonic output start up characteristics. The AEO_ALO series comes with industry standard features such as Input
UVLO; non-latching OCP, OVP and OTP; Output Trim; Differential Remote Sense pins. Both baseplate (AEO) and open
frame (ALO) construction are available as well as TH and SMT termination. With its wide operating temperature range of
-40°C to 85°C ambient, the converters are deployable into almost any environment.
Special Features
Industry Standard 8th Brick Footprint
Baseplate or Open frame construction
Low Ripple and Noise
Regulation to zero load
High Capacitive Load Start-up
Fixed Switching Frequency
Industry standard features: Input UVLO;
Enable; non-latching OVP, OCP and OTP;
Output Trim, Differential Remote Sense
Meets Basic Insulation
Environmental Specifications
-40ºC to 85ºC Operating Temperature
-55ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Control
Enable
TTL compatible
(Positive or Negative Logic Enable Options)
Output
Load Current
Up to 25A max (VO ≤ 1.8V)
Line/Load Regulation < 1% VO
Ripple and Noise
20mVP-P typical at 1.8V
Output Voltage
Adjust Range
±10% VO
Transient Response
2% Typical deviation
50% to 75% step load
250
µs settling time (Typ)
Remote Sense
+10%VO
Over Current
120% (Typ)
Protection
Over Voltage
130% (Typ)
Protection
Over Temperature
110
°C
Protection
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS


Similar Part No. - AEO04Y48N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO EMERSON-NETWORKPOWER-AEO Datasheet
155Kb / 2P
   High Efficiency
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
   Low Ripple and Noise
logo
Schurter Inc.
AEO SCHURTER-AEO Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
More results

Similar Description - AEO04Y48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com