Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCDT1DW Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TCDT1DW
Description  1.0A Sintered Glass Passivated Standard Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCDT1DW Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TCDT1DW Datasheet HTML 1Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 2Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 3Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 4Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 5Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 6Page - TAITRON Components Incorporated TCDT1DW Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. B/AH 2007-12-20
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 7
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
TCDT1DW – TCDT1MW
1.0A Sintered Glass Passivated
Standard Rectifier
1.0A Sintered Glass Passivated Standard Rectifier
Features
• Leadless chip form, no lead damage
• Lead-free solder joint, no wire bond & lead frame
• Low profile package
• For surface mounted applications
• Built-in strain relief
• Low power loss, High efficiency
• High current capability
• High surge capacity
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
Packed with FRP substrate and epoxy underfilled
Terminals:
Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026
Polarity:
Laser marking
Mounting Position:
Any
Weight:
0.012 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
TCDT
1DW
TCDT
1GW
TCDT
1JW
TCDT
1KW
TCDT
1MW
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
140
280
420
560
700
V
VDC
Max. DC Blocking
Voltage
200
400
600
800
1000
V
IF(AV)
Average Forward Rectified
Current
1.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC Method)
VF
Max. Instantaneous
Forward Voltage
1.0
V
IF=1.0A
C1206


Similar Part No. - TCDT1DW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1100 VISHAY-TCDT1100 Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCDT1100 VISHAY-TCDT1100 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCDT1100G VISHAY-TCDT1100G Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCDT1100G VISHAY-TCDT1100G Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
More results

Similar Description - TCDT1DW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP02-20 TAITRON-GP02-20 Datasheet
126Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
GF1Q TAITRON-GF1Q Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
   1.0A Surface Mount Sintered Glass Passivated Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com