Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB108 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TB108
Description  10A Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB108 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TB108 Datasheet HTML 1Page - TAITRON Components Incorporated TB108 Datasheet HTML 2Page - TAITRON Components Incorporated TB108 Datasheet HTML 3Page - TAITRON Components Incorporated TB108 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Single-Phase Bridge Rectifier
TB1005 ~ TB1010
Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Note: 1. Unit mounted on 8.7" X 8.7" X 0.24" thick (22 X 22 X 0.6cm) Al. Plate.
2. Unit mounted on P.C. B 0.375" (9.5mm) lead length with 0.47" X 0.47" (12 X 12mm) copper pads
Typical Characteristics Curves
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current Per Element
Number of Cycle at 60Hz
Fig.1- Derating Curve
for Output Rectified Current
Temperature (°C)
Symbol
Description
TB1005
TB101
TB102
TB104
TB106
TB108
TB1010
Unit
VF
Maximum Instantaneous Forward
Voltage Drop Per Leg at 5.0 A
1.1
A
TA=25° C
10
uA
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
TA=125° C
1
mA
Rθ-JC
Maximum Thermal Resistance
(Note 1)
6
° C/W
Rev. A/AJ 2006-09-01
www.taitroncomponents.com
Page 2 of 4


Similar Part No. - TB108

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1083A TAI-SAW-TB1083A Datasheet
350Kb / 7P
   SAW Filter 154.04 MHz(BW=16.0MHz) SMD 7.0mmX5.0mm
logo
Golledge Electronics Lt...
TB1083A GOLLEDGE-TB1083A Datasheet
321Kb / 6P
   SAW Filter 154.040MHz
logo
TAITRON Components Inco...
TB108M TAITRON-TB108M Datasheet
168Kb / 4P
   10.0A Single-Phase Silicon Bridge Rectifier
More results

Similar Description - TB108

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10 WTE-KBPC10_06 Datasheet
54Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000 WTE-KBU1000_06 Datasheet
50Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
MP1000 WTE-MP1000_06 Datasheet
46Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com