Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB310 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TB310
Description  3.0A Single-Phase Silicon Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB310 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TB310 Datasheet HTML 1Page - TAITRON Components Incorporated TB310 Datasheet HTML 2Page - TAITRON Components Incorporated TB310 Datasheet HTML 3Page - TAITRON Components Incorporated TB310 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB305 – TB3100
Rev. A/JJ 2007-06-10
3.0A SINGLE-PHASE SILICON
BRIDGE RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Single-Phase Silicon Bridge Rectifier
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic body
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Lead solderable per MIL-STD-202E, Method 208C
Polarity:
Hole thru for #6 screw
Weight:
0.093 ounce, 2.62 grams
Maximum Ratings & Electrical Characteristics (TAmbient=25ºC unless noted)
Note:
1. 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
Symbol
Description
TB305
TB31
TB32
TB34
TB36
TB38
TB310
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IO(AV)
Maximum Average Forward
Rectified Current
3.0
A
TA=50°C
IFSM
Peak Forward Surge Current
60
A
Note
VF
Maximum Forward Voltage
1.0
V
IO=1.5A
5.0
TA = 25 °C
IR
Maximum Reverse Current at
Rated DC Blocking Voltage
per element
100
uA
TA =100 °C
TJ
Operating Temperature Range
-55 to +125
° C
TSTG
Storage Temperature Range
-55 to +150
° C
TB3


Similar Part No. - TB310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB310 ETC2-TB310 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
PETERMANN-TECHNIK
TB310 PETERMANN-TB310 Datasheet
689Kb / 2P
   THT QUARTZ CRYSTAL SERIES TB
logo
Diodes Incorporated
TB3100H DIODES-TB3100H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB3100H LITEON-TB3100H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB3100H DIODES-TB3100H Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
More results

Similar Description - TB310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB305 ETC2-TB305 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300 WTE-KBPC300_06 Datasheet
43Kb / 4P
   3.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
   3.0A SINGLE - PHASE SILICON BRIDGE?
logo
SMC Diode Solutions Co....
UG3KB05 SMCDIODE-UG3KB05 Datasheet
413Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. A
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
   3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com