Electronic Components Datasheet Search |
|
AEO10Y48N-6 Datasheet(PDF) 1 Page - Astec America, Inc |
|
AEO10Y48N-6 Datasheet(HTML) 1 Page - Astec America, Inc |
1 / 30 page Technical Reference Notes AEO_ALO40/35/30/20/10x48 Series (Single Output 8 th Brick) MODEL: AEO40x48 / ALO40x48 SERIES SHEET 1 OF 30 JUNE 24, 2005 - REVISION B AEO40x48 / ALO40x48 Single Output 8 th Brick: Baseplate or Open-Frame Module The AEO40x48 / ALO40x48 series is Astec’s High Current 8 th Brick industry standard offering. Operating from an input voltage range of 36V to 75V, the series provides 7 configured outputs starting from 1.2V all the way up to 12V. It delivers up to 40A max current for 1.8V and lower at impressive levels of efficiency. It provides tight regulation and exhibits clean and monotonic output start up characteristics. The AEO_ALO series comes with industry standard features such as Input UVLO; non-latching OCP, OVP and OTP; Output Trim; Differential Remote Sense pins. Both baseplate (AEO) and open frame (ALO) construction are available as well as TH or SMT termination. With its wide operating temperature range of -40°C to 85°C ambient, the converters are deployable into almost any environment. Special Features • Industry Standard 8 th Brick Footprint • Baseplate or Open frame construction • Low Ripple and Noise • Regulation to zero load • High Capacitive Load Start-up • Fixed Switching Frequency • Industry standard features: Input UVLO; Enable; non-latching OVP, OCP and OTP; Output Trim, Differential Remote Sense • Meets Basic Insulation Environmental Specifications • -40ºC to 85ºC Operating Temperature • -55ºC to 125ºC Storage Temperature • MTBF > 1 million hours Electrical Parameters Input Input Range 36-75 VDC Input Surge 100V / 100ms Control Enable TTL compatible (Positive or Negative Logic Enable Options) Output Load Current Up to 40A max (VO ≤ 1.8V) Line/Load Regulation < 1% VO Ripple and Noise 40mVP-P typical Output Voltage Adjust Range ±10% VO Transient Response 2% Typical deviation 50% to 75% Load Change 20 µs settling time (Typ) Remote Sense +10%VO Over Current 120% max Protection Over Voltage 130% max Protection Over Temperature 110 °C Protection Safety UL + cUL 60950, Recognized EN60950 through TUV-PS |
Similar Part No. - AEO10Y48N-6 |
|
Similar Description - AEO10Y48N-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |