Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESRE391M02XR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ESRE391M02XR
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE391M02XR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ESRE391M02XR Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE391M02XR Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE391M02XR Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRE391M02XR Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRE391M02XR Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRE391M02XR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.038
C O RN ELL
D U B I LIE R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Ratings
Outline Drawing
Dimensions in mm
ESRE Surface Mount, High Capacitance
Part
Maximum
Maximum
1
Capacitance
Number
E.S.R.
Ripple Current
(Tape & Reel)
100kHz/20
°C
100kHz/105
°C
(
µF)
(Amps)
2.0 Vdc
270
ESRE271M02R
0.015
3.0
330
ESRE331M02R
0.015
3.0
2.5 Vdc
220
ESRE221M0ER
0.015
3.0
270
ESRE271M0ER
0.015
3.0
4.0 Vdc
180
ESRE181M04R
0.015
3.0
6.3 Vdc
150
ESRE151M06R
0.015
3.0
8.0 Vdc
100
ESRE101M08R
0.015
3.0
1 For other frequencies use the ripple current frequency multipliers.
(
)
Part
Maximum
Maximum1
Capacitance
Number
E.S.R
Ripple Current
(Tape & Reel)
100kHz/20°C
100kHz/105°C
(µF)
(
Ω)
(Amps)
2.0 Vdc
270
ESRE271M02R
0.015
3.0
330
ESRE331M02R
0.015
3.0
390
ESRE391M02XR
0.010
3.5
2.5 Vdc
220
ESRE221M0ER
0.015
3.0
270
ESRE271M0ER
0.015
3.0
330
ESRE331M0EXR
0.010
3.5
4.0 Vdc
180
ESRE181M04R
0.015
3.0
220
ESRE221M04XR
0.010
3.5
6.3 Vdc
150
ESRE151M06R
0.015
3.0
180
ESRE181M06XR
0.010
3.5
8.0 Vdc
100
ESRE101M08R
0.015
3.0
1
For other frequencies use the ripple current frequency multipliers.
H = 4.1 ± .2


Similar Part No. - ESRE391M02XR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRE391M02XR ETC2-ESRE391M02XR Datasheet
250Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRE391M02XR CDE-ESRE391M02XR Datasheet
251Kb / 3P
   Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRE391M02XR

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com