Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2425J50200A00 Datasheet(PDF) 1 Page - Anaren Microwave

Part # BD2425J50200A00
Description  Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425J50200A00 Datasheet(HTML) 1 Page - Anaren Microwave

  BD2425J50200A00 Datasheet HTML 1Page - Anaren Microwave BD2425J50200A00 Datasheet HTML 2Page - Anaren Microwave BD2425J50200A00 Datasheet HTML 3Page - Anaren Microwave BD2425J50200A00 Datasheet HTML 4Page - Anaren Microwave BD2425J50200A00 Datasheet HTML 5Page - Anaren Microwave BD2425J50200A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425J50200A00
Rev B
Ultra Low Profile 0805 Balun
50Ω to 200Ω Balanced
Description
The BD2425J50200A00 is a low profile sub-miniature balanced to unbalanced
transformer designed for differential inputs and output locations on next generation
wireless chipsets in an easy to use surface mount package covering the GSM
frequencies. The BD2425J50200A00 is ideal for high volume manufacturing and is
higher performance than traditional ceramic and lumped element baluns. The
BD2425J50200A00 has an unbalanced port impedance of 50
Ω and a 200Ω
balanced port impedance. This transformation enables single ended signals to be
applied to differential ports on modern semiconductors. The output ports have equal
amplitude (-3dB) with 180 degree phase differential. The BD2425J50200A00 is
available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25
°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
200
Return Loss
9.5
12.2
dB
Insertion Loss*
0.6
0.8
dB
Amplitude Balance
0.1
0.5
dB
Phase Balance
2
6
Degrees
CMRR
37
dB
Power Handling
2
Watts
Features:
• 2400 – 2400 MHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 100 Ohm
• 802.11 b+g +n Compliant
• Low Insertion Loss
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
.049±.004
[1.25±0.10]
.079±.004
[2.00±0.10]
1
2
3
6
5
4
Bottom View (Far-side)
Side View
Top View (Near-side)
.027±.002
[0.70±0.05]
6X .012
[0.30]
+ RF GND
Pin
3
6
1
2
4
5
Designation
Unbalanced Port
GND / DC Feed
Balanced Port
Balanced Port
GND
NC
Orientation
Marker Denotes
Pin Location
Orientation
Marker Denotes
Pin Location
.026 [0.65]
6X .009
[0.22]
.039 [0.98]


Similar Part No. - BD2425J50200A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2425J50200AHF ANAREN-BD2425J50200AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun
More results

Similar Description - BD2425J50200A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD2130J5050A00 ANAREN-BD2130J5050A00 Datasheet
297Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD0810J50150A00 ANAREN-BD0810J50150A00 Datasheet
227Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD1722J50150A00 ANAREN-BD1722J50150A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com