Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7643SU16HY-10L Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM7643SU16HY-10L
Description  4M x 16Bit Asynchronous / Page Mode StRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7643SU16HY-10L Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM7643SU16HY-10L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7643SU16HY-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM7643SU16H
4Mx16 Async. / Page StRAM
2
Preliminary
Rev. 0.0
FEATURES
- Single power supply voltage of 2.6 to 3.3V
- Direct TTL compativility for all inputs and outputs.
- Deep power-down mode : Memory cell data invalid.
- Supplied in KGD(Known Good Die) form.
- Page operation mode
Page read operation by 8 words.
- Logic compatible with SRAM R/W pin.
- Standby Current
Standby 150 uA
Deep power-down standby 10uA
- Access Time
Access Time
65ns
CE1 Access Time
65ns
OE Access Time
25ns
Page Access Time
20NS
4M x16 Bit Async./Page StRAM
GENERAL DISCRIPTION
The EM7643SU16H is a 64M-bit StRAM organized as 4M
words by 16 bits. It provides high density, high speed and
low power. The device operates single power supply. The
device also features SRAM-like W/R timing whereby the
device is controlled by CE1, OE and WE on asynchro-
nous. The device has the page access operation. Page
size is 8 words. The device also supports deep power-
down mode, realizing low-power standby.
PAD DESCRIPTION
SYMBOL
DESCRIPTION
A0~A21
Address input
A0~A2
Page Address input
CE1
Chip Enable Input1, Low : Enable
CE2
Chip Enable Input2, High:Enable,
Low:Enter Power Down mode
WE
Write Enable input, Low :Enable
OE
Output Enable input, Low :Enable
LB
Lower byte write control
UB
Upper byte write control
DQ0~DQ15
Data inputs/outputs
VDD
Device Power supply
VSS
VSS must be connected ground
VDDQ
I/O Power supply
VSSQ
VSS must be connected ground
NC
Not Connection


Similar Part No. - EM7643SU16HY-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7640FP32BT-12LL EMLSI-EM7640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-12S EMLSI-EM7640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55LL EMLSI-EM7640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55S EMLSI-EM7640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BW-12LL EMLSI-EM7640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7643SU16HY-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com