Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC0900B-03P Datasheet(PDF) 7 Page - Anaren Microwave

Part # XC0900B-03P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0900B-03P Datasheet(HTML) 7 Page - Anaren Microwave

Back Button XC0900B-03P Datasheet HTML 3Page - Anaren Microwave XC0900B-03P Datasheet HTML 4Page - Anaren Microwave XC0900B-03P Datasheet HTML 5Page - Anaren Microwave XC0900B-03P Datasheet HTML 6Page - Anaren Microwave XC0900B-03P Datasheet HTML 7Page - Anaren Microwave XC0900B-03P Datasheet HTML 8Page - Anaren Microwave XC0900B-03P Datasheet HTML 9Page - Anaren Microwave XC0900B-03P Datasheet HTML 10Page - Anaren Microwave XC0900B-03P Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0450A-03
Rev B
Notes on RF Testing and Circuit Layout
The XC0450A-03 Surface Mount Couplers require the use of a test fixture for verification of RF performance. This test
fixture is designed to evaluate the coupler in the same environment that is recommended for installation. Enclosed
inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being tested is
placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four port Vector
Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst case values
for each parameter are found and compared to the specification. These worst case values are reported to the test
equipment operator along with a Pass or Fail flag. See the illustrations below.
3 & 5 dB
Test Board
10 & 20 dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - XC0900B-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900B-03P ANAREN-XC0900B-03P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0900B-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com