Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALO10Y48NS Datasheet(PDF) 3 Page - Astec America, Inc

Part # ALO10Y48NS
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO10Y48NS Datasheet(HTML) 3 Page - Astec America, Inc

  ALO10Y48NS Datasheet HTML 1Page - Astec America, Inc ALO10Y48NS Datasheet HTML 2Page - Astec America, Inc ALO10Y48NS Datasheet HTML 3Page - Astec America, Inc ALO10Y48NS Datasheet HTML 4Page - Astec America, Inc ALO10Y48NS Datasheet HTML 5Page - Astec America, Inc ALO10Y48NS Datasheet HTML 6Page - Astec America, Inc ALO10Y48NS Datasheet HTML 7Page - Astec America, Inc ALO10Y48NS Datasheet HTML 8Page - Astec America, Inc ALO10Y48NS Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 3 OF 30
JUNE 24, 2005 - REVISION B
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Output Voltage Set point
VIN = VIN,MIN to VIN,MAX
IO = IO,MAX
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
VO,SET
11.80
4.90
3.25
2.45
1.76
1.47
1.17
12.00
5.00
3.30
2.50
1.80
1.50
1.20
12.20
5.10
3.35
2.55
1.84
1.53
1.22
Vdc
Output Regulation
Line
VIN = VIN,MIN to VIN,MAX
Load
VIN = VIN,NOM
IO = IO,MIN to IO,MAX
Temp
VIN = VIN,NOM; IO = IO,MAX
All
-
-
-
-
-
-
0.1
0.1
0.5
0.2
0.5
1.0
%
Output Ripple and Noise
4
Peak-to-Peak
IO = IO,MAX; VIN =VIN,NOM;
BWL = 20 MHz; TA =25
oC
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2))
-
-
-
-
-
-
-
-
50
40
40
20
40
30
20
120
90
75
75
60
60
60
mVp-p
Output Current
5
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
IO
0
0
0
0
0
0
0
-
-
-
-
-
-
-
10
20
30
35
40
40
40
A
Output Current-limit Inception
VO = 90% VO,NOM; TA = 25 ºC
VIN = VIN,NOM
Non-latching / auto-recovery
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
IO,OCP
11.5
24.0
33.0
41.0
44.0
44.0
44.0
-
-
-
-
-
-
-
17.0
32.0
41.5
49.0
78.0
78.0
78.0
A
External Load Capacitance
IO = IO,MAX , resistive load
ESR
All
B (12V0)
A (5V0)
F (3V3)
CEXT
-
-
-
-
4
-
-
-
-
-
20,000
1,500
10,000
10,000
-
µF
m


Similar Part No. - ALO10Y48NS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO10Y48N EMERSON-NETWORKPOWER-ALO10Y48N Datasheet
1Mb / 4P
   66/120 Watts
ALO10Y48N-6 EMERSON-NETWORKPOWER-ALO10Y48N-6 Datasheet
1Mb / 4P
   66/120 Watts
ALO10Y48N-6L EMERSON-NETWORKPOWER-ALO10Y48N-6L Datasheet
1Mb / 4P
   66/120 Watts
ALO10Y48N-L EMERSON-NETWORKPOWER-ALO10Y48N-L Datasheet
1Mb / 4P
   66/120 Watts
ALO10Y48N-S EMERSON-NETWORKPOWER-ALO10Y48N-S Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - ALO10Y48NS

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com