Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT566M07513 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TAT566M07513
Description  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TAT566M07513 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TAT566M07513 Datasheet HTML 1Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 2Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAT566M07513 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAT(CLR79)
+25°C
+85°C
&
+125°C
-55°C
+85°C +125°C M (1.0)
P (0.1)
R (0.01)
TAT206M 01011
20
20
1
6
3.98
1
2
820
-32
+10.5
+12
0041
0261
0481
TAT206K 01011
20
10
1
6
3.98
1
2
820
-32
+10.5
+12
0042
0262
0482
TAT206J 01011
20
5
1
6
3.98
1
2
820
-32
+10.5
+12
0043
0263
0483
TAT476M 01011
47
20
1
13
3.67
1
2
855
-36
+14
+16
0044
0264
0484
TAT476K 01011
47
10
1
13
3.67
1
2
855
-36
+14
+16
0045
0265
0485
TAT476J 01011
47
5
1
13
3.67
1
2
855
-36
+14
+16
0046
0266
0486
TAT107M 01012
100
20
2
15
1.99
1
4
1200
-36
+14
+16
0047
0267
0487
TAT107K 01012
100
10
2
15
1.99
1
4
1200
-36
+14
+16
0048
0268
0488
TAT107J 01012
100
5
2
15
1.99
1
4
1200
-36
+14
+16
0049
0269
0489
TAT187M 01012
180
20
2
30
2.21
1
7
1365
-36
+14
+16
0050
0270
0490
TAT187K 01012
180
10
2
30
2.21
1
7
1365
-36
+14
+16
0051
0271
0491
TAT187J 01012
180
5
2
30
2.21
1
7
1365
-36
+14
+16
0052
0272
0492
TAT257M 01013
250
20
3
30
1.59
2
10
1720
-40
+14
+16
0053
0273
0493
TAT257K 01013
250
10
3
30
1.59
2
10
1720
-40
+14
+16
0054
0274
0494
TAT257J 01013
250
5
3
30
1.59
2
10
1720
-40
+14
+16
0055
0275
0495
TAT397M 01013
390
20
3
44
1.50
2
16
1800
-64
+17.5
+20
0056
0276
0496
TAT397K 01013
390
10
3
44
1.50
2
16
1800
-64
+17.5
+20
0057
0277
0497
TAT397J 01013
390
5
3
44
1.50
2
16
1800
-64
+17.5
+20
0058
0278
0498
TAT757M 01014
750
20
4
50
0.88
4
16
2360
-80
+25
+25
0059
0279
0499
TAT757K 01014
750
10
4
50
0.88
4
16
2360
-80
+25
+25
0060
0280
0500
TAT156M 01511
15
20
1
5
4.42
1
2
780
-24
+10.5
+12
0061
0281
0501
TAT156K 01511
15
10
1
5
4.42
1
2
780
-24
+10.5
+12
0062
0282
0502
TAT156J 01511
15
5
1
5
4.42
1
2
780
-24
+10.5
+12
0063
0283
0503
TAT336M 01511
33
20
1
10
4.02
1
2
820
-28
+14
+16
0064
0284
0504
TAT336K 01511
33
10
1
10
4.02
1
2
820
-28
+14
+16
0065
0285
0505
TAT336J 01511
33
5
1
10
4.02
1
2
820
-28
+14
+16
0066
0286
0506
TAT706M 01512
70
20
2
13
2.46
1
4
1150
-28
+14
+16
0067
0287
0507
TAT706K 01512
70
10
2
13
2.46
1
4
1150
-28
+14
+16
0068
0288
0508
TAT706J 01512
70
5
2
13
2.46
1
4
1150
-28
+14
+16
0069
0289
0509
TAT127M 01512
120
20
2
18
1.99
1
7
1450
-28
+17.5
+20
0070
0290
0510
TAT127K 01512
120
10
2
18
1.99
1
7
1450
-28
+17.5
+20
0071
0291
0511
TAT127J 01512
120
5
2
18
1.99
1
7
1450
-28
+17.5
+20
0072
0292
0512
TAT177M 01513
170
20
3
25
1.95
2
10
1480
-32
+14
+16
0073
0293
0513
TAT177K 01513
170
10
3
25
1.95
2
10
1480
-32
+14
+16
0074
0294
0514
TAT177J 01513
170
5
3
25
1.95
2
10
1480
-32
+14
+16
0075
0295
0515
TAT277M 01513
270
20
3
32
1.57
2
16
1740
-56
+17.5
+20
0076
0296
0516
TAT277K 01513
270
10
3
32
1.57
2
16
1740
-56
+17.5
+20
0077
0297
0517
TAT277J 01513
270
5
3
32
1.57
2
16
1740
-56
+17.5
+20
0078
0298
0518
TAT547M 01514
540
20
4
40
0.98
6
24
2330
-80
+25
+25
0079
0299
0519
TAT547K 01514
540
10
4
40
0.98
6
24
2330
-80
+25
+25
0080
0300
0520
TAT106M 02511
10
20
1
4
5.31
1
2
715
-16
+8
+9
0081
0301
0521
TAT106K 02511
10
10
1
4
5.31
1
2
715
-16
+8
+9
0082
0302
0522
TAT106J 02511
10
5
1
4
5.31
1
2
715
-16
+8
+9
0083
0303
0523
TAT226M 02511
22
20
1
6.6
3.98
1
2
825
-20
+10.5
+12
0084
0304
0524
TAT226K 02511
22
10
1
6.6
3.98
1
2
825
-20
+10.5
+12
0085
0305
0525
Maximum %
Capacitance change
from Room
Tem perature
Part Number MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
Max
DF %
Max ESR
@+25ºC
(Ω)
Maximum DC
Leakage
(µA)
Max
Ripple
@ +85°C
40kHz
(m A)
CDE
Com m ercial
Part Number
Cap
(µF)
Cap
Tol
(±)
Case
Code
15 Volts Maximum at 85°C(10 Volts at 125°C), Surge Voltage 17.2 at 85°C
25 Volts Maximum at 85°C(15 Volts at 125°C), Surge Voltage 28.8 at 85°C
10 Volts Maximum at 85°C(7 Volts at 125°C), Surge Voltage 11.5 at 85°C


Similar Part No. - TAT566M07513

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAT566M07513 CDE-TAT566M07513 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
More results

Similar Description - TAT566M07513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com