Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM742SP16BW-70L Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16BW-70L
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16BW-70L Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM742SP16BW-70L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
9
TIMING WAVEFORM OF POWER UP
Power Up Mode
VCC
CS
200us
VCC(Min.)
Normal Operation
NOTE . ( POWER UP )
1. After Vcc reaches Vcc(Min.) , wait 200us with CS high. Then you get into the normal operation.
TCSR (Temperature Cotrolled Self Refresh)
The 4M STRAM can be operated with temperature controlled self-refresh. The device internal self-refresh period is
controlled according as temperature change automatically.


Similar Part No. - EM742SP16BW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16BW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com