Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM742SP16BW-70L Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16BW-70L
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16BW-70L Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM742SP16BW-70L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM742SP16BW-70L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
8
TIMING WAVEFORM OF WRITE CYCLE (2) (OE = VIH)
Write Access
The write access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15
(A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken
low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is
stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed.
At this point, the second stage of the write process is entered. Data is input to the multiplexed address/data bus. The WE
signal is set low and control signal UB and LB are set according to the access.
tAVD
tAVDS
tAVDH
Address Valid
Data Valid
tDH
tACW2
tCSS
tBW
C
B
A
AVD
WE
CS
UB, LB
Address/Data
tDW
tWRL
TIMING WAVEFORM OF WRITE CYCLE (1) (OE = VIH)
tAVD
tACW1
tAVDS
tAVDH
Address Valid
Data Valid
tDH
tACW2
tCSS
tACW3
tBW
C
B
A
AVD
WE
CS
UB, LB
Address/Data
tDW
tWRL
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWRL) of low CS, low WE and low UB or LB. A write begins at the last transition among low CS and
low WE with asserting UB or LB low for single byte operation or simultaneously asserting UB and LB low for word operation. A write
ends at the earliest transition among high CS and high WE. The tWRL is measured from the beginning of write to the end of write.


Similar Part No. - EM742SP16BW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16BW-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com