Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR20-0.033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SR20-0.033
Description  Precision Current Sense Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SR20-0.033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SR20-0.033 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
© 2003-2007 Caddock Electronics, Inc.
CAD
K
DOC
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL126.0507
Type SR Precision Current Sense Resistors
Non-inductive Design - Compact Footprint Minimizes Circuit Board Space
Kelvin Terminals (Four Wire) - Resistance Values 0.005Ω to 1.00Ω
Type SR Current Sense Resistors utilize Caddock's Micronox® resistance
films to achieve a low cost resistor with Non-inductive Performance. This
compact construction makes this sense resistor ideal for many current
monitoring or control applications.
The special performance features of these Type SR Current Sense
Resistors include:
• Available in Standard Resistances down to 5 milliohm.
• Non-Inductive Design.
• Terminals are constructed for Kelvin connections to the circuit board.
• Compact footprint.
0.008 Ω
0.010 Ω
0.012 Ω
0.015 Ω
0.005 Ω
0.008 Ω
0.010 Ω
0.015 Ω
0.020 Ω
0.025 Ω
0.030 Ω
0.033 Ω
0.020 Ω
0.025 Ω
0.030 Ω
0.033 Ω
0.040 Ω
0.050 Ω
0.075 Ω
0.10 Ω
0.040 Ω
0.050 Ω
0.075 Ω
0.10 Ω
Custom resistance values can be manufactured for
high quantity applications. Please contact Caddock
Applications Engineering.
Specifications:
Resistance Tolerance: ±1.0%
Temperature Coefficient: TC referenced to
+25°C, ∆R taken at -15°C and +105°C.
0.081 to 1.00 ohm
-50 to +100 ppm/°C
0.025 to 0.080 ohm
0 to +150 ppm/°C
0.008 to 0.024 ohm
0 to +200 ppm/°C
0.005 to 0.007 ohm
0 to +300 ppm/°C
Load Life: 1000 hours at rated power at +70°C,
R ±(0.2 percent + 0.00001 ohm) max.
Thermal Shock: Mil-Std-202, Method 107, Cond. A,
R ±(0.2 percent + 0.00001 ohm) max.
Moisture Resistance: Mil-Std-202, Method 106,
R ±(0.2 percent + 0.00001 ohm) max.
Encapsulation: Polymer over resistance element.
Ordering Information:
DIMENSIONS IN INCHES AND (MILLIMETERS)
Measurement note: For purposes of these specifications, resistance measurement shall
be made using Kelvin connections (four wire) with appropriate current and sense con-
nections to the device terminals.
C = Current connection
S = Sense connection
Circuit Board Layout: The circuit board traces connecting to the current terminals must
be sized appropriately for the current flowing through the trace. For example; 0.005Ω
operated at 2.0 Watts would have 20 amps flowing through the circuit board traces into
the current terminals.
SR10 - 0.050 - 1%
Model Number:
Resistor Value:
Tolerance
Scale:
actual size
Front view
Side view
Back view
SR10 PACKAGE DIMENSIONS
CIRCUIT BOARD LAYOUT NOTES
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
.365 ±.020
(9.27 ±.51)
.370 ±.015
(9.40 ±.38)
.125 ±.020
(3.18 ±.51)
.045 (1.14)
.025 (.64)
.090 (2.29)
MAX.
.032 ±.007
(.81 ±.18)
SR10
0.025Ω
1%
Voltage Rating
Terminal Material
1.0 Watt
Power Limited
Solderable
Model No.
SR10
Power Rating at
70°C
*
2.0 Watts
Power Limited
Solderable
SR20
Resistance
Min.
Max.
0.008 Ω
1.00 Ω
0.005 Ω
1.00 Ω
* Power rating:
The power rating
should be limited as
shown by the derating
curve based upon the
maximum ambient
temperature. The derating curve is based on still
air with natural convection around the resistor.
Power Derating Curve:
25
150
0
20
40
100
80
60
70
TEMPERATURE, °C
100
.032 ±.007
(.81 ±.18)
.400 ±.015
(10.16 ±.38)
SR20
0.050Ω
1%
.090 MAX.
(2.29 MAX.)
.565 ±.020
(14.35 ±.51)
.125 ±.020
(3.18 ±.51)
.045 (1.14)
.025 (.64)
.200 (5.08)
Section BB
.045 (1.14)
.100 (2.54)
.200 (5.08)
.045 (1.14)
.025 (.64)
.025 (.64)
B
B
C S S C
.100 (2.54)
Section AA
.045 (1.14)
.100 (2.54)
.100 (2.54)
.045 (1.14)
.025 (.64)
.025 (.64)
A
A
C S S C
SR10
SR20
SR20 PACKAGE DIMENSIONS
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
SR10 Standard Resistance Values:
SR20 Standard Resistance Values:


Similar Part No. - SR20-0.033

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
SR20-12 LAMBDA-SR20-12 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
SR20-15 LAMBDA-SR20-15 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
SR20-18 LAMBDA-SR20-18 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
SR20-2 LAMBDA-SR20-2 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
SR20-20 LAMBDA-SR20-20 Datasheet
374Kb / 4P
   Single output 20W ~ 660W?
More results

Similar Description - SR20-0.033

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
   Precision Resistors for Current Sense
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10_17 Datasheet
355Kb / 1P
   Type SR Precision Current Sense Resistors
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
   Type SR Precision Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
Vishay Siliconix
VCS101 VISHAY-VCS101 Datasheet
78Kb / 2P
   Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
Revision: 25-Jun-07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com