Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESRD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESRD
Description   Solid Polymer Aluminum SMT Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESRD Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRD Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type ESRD Solid Polymer Aluminum SMT Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
High Voltage
Outline Drawing
Ratings
Dimensions in mm
Maximum
Maximum1
Case
Catalog
E.S.R
Ripple Current
Height
Capacitance
Part Number
100 kHz/20 °C
100 kHz/105 °C
H
(µF)
(Tape & Reel)
(Ω)
(Amps)
(mm)
2.0 Vdc
100
ESRD101M02R
0.018
2.5
1.8 ±0.1
120
ESRD121M02XR
0.015
2.7
1.8 ±0.1
180
ESRD181M02R
0.015
3.0
2.8 ±0.2
220
ESRD221M02R
0.015
3.0
2.8 ±0.2
270
ESRD271M02XR
0.012
3.3
2.8 ±0.2
2.5 Vdc
82
ESRD820M0ER
0.018
2.5
1.8 ±0.1
100
ESRD101M0EXR
0.015
2.7
1.8 ±0.1
150
ESRD151M0ER
0.015
3.0
2.8 ±0.2
180
ESRD181M0ER
0.015
3.0
2.8 ±0.2
220
ESRD221M0EXR
0.012
3.3
2.8 ±0.2
4.0 Vdc
56
ESRD560M04R
0.018
2.5
1.8 ±0.1
82
ESRD820M04XR
0.015
2.7
1.8 ±0.1
120
ESRD121M04R
0.015
3.0
2.8 ±0.2
150
ESRD151M04XR
0.012
3.3
2.8 ±0.2
6.3 Vdc
10
ESRD100M06R
0.055
1.4
1.8 ±0.1
22
ESRD220M06R
0.040
1.6
1.8 ±0.1
33
ESRD330M06R
0.028
2.0
1.8 ±0.1
47
ESRD470M06R
0.018
2.5
1.8 ±0.1
68
ESRD680M06XR
0.015
2.7
1.8 ±0.1
100
ESRD101M06R
0.015
3.0
2.8 ±0.2
120
ESRD121M06XR
0.012
3.3
2.8 ±0.2
8.0 Vdc
8.2
ESRD8R2M08R
0.055
1.4
1.8 ±0.1
15
ESRD150M08R
0.040
1.6
1.8 ±0.1
22
ESRD220M08R
0.028
2.0
1.8 ±0.1
33
ESRD330M08R
0.018
2.5
1.8 ±0.1
68
ESRD680M08R
0.015
3.0
2.8 ±0.2
12.5 Vdc
4.7
ESRD4R7M12R
0.080
1.0
1.8 ±0.1
10
ESRD100M12R
0.060
1.0
1.8 ±0.1
15
ESRD150M12R
0.050
1.3
1.8 ±0.1
22
ESRD220M12R
0.030
1.6
1.8 ±0.1
16.0 Vdc
2.2
ESRD2R2M16R
0.110
1.0
1.8 ±0.1
4.7
ESRD4R7M16R
0.080
1.0
1.8 ±0.1
6.8
ESRD6R8M16R
0.070
1.0
1.8 ±0.1
8.2
ESRD8R2M16R
0.045
1.3
1.8 ±0.1
H = see ratings
table


Similar Part No. - ESRD

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ESRD CDE-ESRD Datasheet
310Kb / 4P
   Filtering power of 3 or more tantalum chips and 50 year life
logo
List of Unclassifed Man...
ESRD100M06R ETC2-ESRD100M06R Datasheet
95Kb / 6P
   SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
logo
Cornell Dubilier Electr...
ESRD100M06R CDE-ESRD100M06R Datasheet
225Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
ESRD100M06R CDE-ESRD100M06R Datasheet
310Kb / 4P
   Filtering power of 3 or more tantalum chips and 50 year life
logo
List of Unclassifed Man...
ESRD100M12R ETC2-ESRD100M12R Datasheet
95Kb / 6P
   SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
More results

Similar Description - ESRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRH ETC2-ESRH Datasheet
296Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRD101M02R CDE-ESRD101M02R Datasheet
225Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
List of Unclassifed Man...
ESRE ETC2-ESRE Datasheet
250Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
SPA121M02R CDE-SPA121M02R Datasheet
229Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
MERITEK ELECTRONICS COR...
PECH MERITEK-PECH Datasheet
559Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (SMT)
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com