Electronic Components Datasheet Search |
|
EMC646SP16JZ-12L Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc |
|
EMC646SP16JZ-12L Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc |
11 / 65 page EMC646SP16J 4Mx16 CellularRAM 11 Preliminary Figure 4: WRITE Operation (ADV# LOW) Page Mode Read Operation Page mode is a performance-enhancing extension to the legacy asynchronous READ operation. In page-mode-capable products, an initial asynchronous read access is performed, then adjacent addresses can be read quickly by simply changing the low-order address. Addresses A[3:0] are used to determine the members of the 16-address CellularRAM page. Any change in addresses A[4] or higher will initiate a new tAA access time. Figure 5 shows the timing for a page mode access. Page mode takes advantage of the fact that adjacent addresses can be read in a shorter period of time than random addresses. WRITE operations do not include comparable page mode functionality. During asynchronous page mode operation, the CLK input must be held LOW. CE# must be driven HIGH upon completion of a page mode access. WAIT will be driven while the device is enabled and its state should be ignored. Page mode is enabled by setting RCR[7] to HIGH. ADV# must be driven LOW during all page mode READ accesses. Due to refresh considerations, CE# must not be LOW longer than tCEM. Figure 5: Page Mode READ Operation (ADV# LOW) Don’t Care High-Z CE# Address OE# LB#/UB# DATA tWC = WRITE Cycle Time Data Valid Address Valid WE# < tCEM < tCEM Add0 Add1 Add2 Add3 D0 D1 D2 D3 tAA tAPA LB#/UB# OE# DATA CE# Address Don’t Care WE# tAPA tAPA |
Similar Part No. - EMC646SP16JZ-12L |
|
Similar Description - EMC646SP16JZ-12L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |