Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1787-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1787-5
Description  Current Sense Resistor Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1787-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1787-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1787-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
6
5
4
3
2
1
7
6
5
4
3
2
1
7
6
5
4
3
2
1
7
6
5
4
3
2
1
7
Fig.
Resistance Values
Model
No.
Absolute Stability
Max. % Change in
Resistance Value
Shelf Life
Load Life
Max. Power
Rating
Watts
Total Pkg.
Maximum
Absolute
TC
ppm/°C
Absolute
Tolerance
%
RA
RB
RC
RD
1
2
3
4
Power Rating
Watts
RA
RB
RC
RD
1787-31
0.25
80
0.03
0.05
1.0
999.9 Ω 99.9 Ω
9.9 Ω
0.9 Ω
1
0.25
0.25
0.50
1.0
1787-312
0.10
80
0.02
0.03
1.0
999.9 Ω 99.9 Ω
9.9 Ω
0.9 Ω
1
0.25
0.25
0.50
1.0
1787-41
0.25
80
0.03
0.05
1.0
1,000 Ω 100 Ω
10 Ω
1 Ω
2
0.25
0.25
0.50
1.0
1787-412
0.10
80
0.02
0.03
1.0
1,000 Ω 100 Ω
10 Ω
1 Ω
2
0.25
0.25
0.50
1.0
1787-5
0.25
50
0.02
0.04
N/A
999 Ω
99 Ω
9 Ω
N/A
3
0.25
0.25
0.75
0.75
1787-53
0.10
50
0.01
0.02
N/A
999 Ω
99 Ω
9 Ω
N/A
3
0.25
0.25
0.75
0.75
1787-535
0.05
50
0.01
0.02
N/A
999 Ω
99 Ω
9 Ω
N/A
3
0.25
0.25
0.75
0.75
1787-6
0.25
50
0.02
0.04
N/A
1,000 Ω 100 Ω
10 Ω
N/A
4
0.25
0.25
0.75
0.75
1787-64
0.10
50
0.01
0.02
N/A
1,000 Ω 100 Ω
10 Ω
N/A
4
0.25
0.25
0.75
0.75
1787-645
0.05
50
0.01
0.02
N/A
1,000 Ω 100 Ω
10 Ω
N/A
4
0.25
0.25
0.75
0.75
1787-13
0.25
100
0.03
0.05
N/A
99.9 Ω
9.9 Ω
0.9 Ω
N/A
5
0.25
0.50
1.0
1.0
1787-132
0.10
100
0.02
0.03
N/A
99.9 Ω
9.9 Ω
0.9 Ω
N/A
5
0.25
0.50
1.0
1.0
Accurate Current Sensing in Multi-Range Instrumentation
Type 1787 Current Sense Resistor Networks utilize
Caddock's Micronox® resistance films and advanced high
thru-put laser manufacturing capabilities to achieve many
vital advantages in precision current measurement circuits,
including laboratory and bench-type digital instrumentation:
The thin-profile single-package configuration replaces as
many as four discrete current sense resistors.
The monolithic construction and standardized lead spacing
simplify installation.
Caddock Micronox® resistance films provide exceptional
stability for improved long-term measurement accuracy.
Twelve standard models in five network arrangements
provide the specific accuracy and resistance values required
for a wide range of current measuring instruments and
circuits.
Prototype quantities of most models of the Type 1787
Current Sense Resistor Networks are available either from
stock or within 6 weeks after receipt of order.
Absolute Tolerance:
Tolerance of RA, RB, RC, or RD when
measured in accordance with proper
Figure No.
Absolute Temperature Coefficient:
Temperature coefficient of RA, RB, RC, or
RD from 0°C to +70°C, referenced to
+25°C.
Load Life: Stability of RA, RB, RC, or RD
with full power applied individually for
2,000 hours at +70°C.
Shelf Life: Stability of RA, RB, RC, or RD for
six months at shelf conditions.
Storage Temperature: -55°C to +85°C.
Type 1787 Current Sense Resistor Networks
Page 1 of 2
28_IL119.1004


Similar Part No. - 1787-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787001 PHOENIX-1787001 Datasheet
75Kb / 4P
   Printed-circuit board connector - DMC 1,5/19-G1-3,5 P20THR
1787014 PHOENIX-1787014 Datasheet
78Kb / 4P
   Printed-circuit board connector - DMC 1,5/ 2-G1F-3,5-LR P20THR
1787018 PHOENIX-1787018 Datasheet
148Kb / 5P
   MSTB 2,5/20-STF
1787027 PHOENIX-1787027 Datasheet
109Kb / 4P
   DMC 1,5/ 3-G1F-3,5-LR P20THR
1787030 PHOENIX-1787030 Datasheet
77Kb / 4P
   Printed-circuit board connector - DMC 1,5/ 4-G1F-3,5-LRP20THR
More results

Similar Description - 1787-5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
   Current Sense Resistor
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
   Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
   Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
   Current Sense Resistor
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
   Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
   Current Sense Resistor
CSS2H-2512R-L500J BOURNS-CSS2H-2512R-L500J Datasheet
377Kb / 2P
   Current Sense Resistor
CSS2H-5930K-1L00F BOURNS-CSS2H-5930K-1L00F Datasheet
385Kb / 2P
   Current Sense Resistor
CSS4J-4026R-1L00F BOURNS-CSS4J-4026R-1L00F Datasheet
352Kb / 2P
   Current Sense Resistor
CST0612 BOURNS-CST0612 Datasheet
623Kb / 4P
   Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com