Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC646SP16JU-70L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JU-70L
Description  4Mx16 bit CellularRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JU-70L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JU-70L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC646SP16JU-70L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
7
Preliminary
Table 1 : PIN Descriptions
Note:
1. When using asynchronous mode or page mode exclusively, CLK and ADV# inputs can be tied to Vss. WAIT will be asserted but should be ignored during asynchronous
and page mode operations.
Symbol
Type
Descriptions
A[21:0]
Input
Address inputs: Inputs for addresses during READ and WRITE operations. Addresses are internally latched
during READ and WRITE cycles. The address lines are also used to define the value to be loaded into the
BCR or the RCR.
CLK
(Note1)
Input
Clock: Synchronizes the memory to the system operating frequency during synchronous operations. When
configured for synchronous operation, the address is latched on the first rising CLK edge when ADV# is
active. CLK is static LOW during asynchronous access READ and WRITE operations and during PAGE
READ ACCESS operations.
ADV#
(Note1)
Input
Address valid: Indiates that a valid address is present on the address inputs. Addresses can be latched on
the rising edge of ADV# during asynchronous READ and WRITE operations. ADV# can be held LOW during
asynchronous READ and WRITE operations.
CRE
Input
Control register enable: When CRE is HIGH, WRITE operations load the RCR or BCR, and READ operations
access the RCR, BCR, or DIDR.
CE#
Input
Chip enable: Activates the device when LOW. When CE# is HIGH, the device is disabled and goes into
standby or deep power-down mode.
OE#
Input
Output enable: Enables the output buffers when LOW. When OE# is HIGH, the output buffers are disabled.
WE#
Input
Write enable: Determines if a given cycle is a WRITE cycle. If WE# is LOW, the cycle is a WRITE to either a
configuration register or to the memory array.
LB#
Input
Lower byte enable. DQ[7:0]
UB#
Input
Upper byte enable. DQ[15:8]
DQ[15:0]
Input/Output Data inputs/outputs.
WAIT
(Note1)
Output
Wait: Provides data-valid feedback during burst READ and WRITE operations. The signal is gated by CE#.
WAIT is used to arbitrate collisions between refresh and READ/WRITE operations. WAIT is also asserted at
the end of a row unless wrapping within the burst length. WAIT is asserted and should be ignored during
asynchronous and page mode operations. WAIT is High-Z when CE# is HIGH.
RFU
-
Reserved for future use.
Vcc
Supply
Device power supply: (1.70V.1.95V) Power supply for device core operation.
VccQ
Supply
I/O power supply: (1.70V.1.95V) Power supply for input/output buffers.
Vss
Supply
Vss must be connected to ground.
VssQ
Supply
VssQ must be connected to ground.


Similar Part No. - EMC646SP16JU-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC646SP16K-10L EMLSI-EMC646SP16K-10L Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC646SP16K-10LF EMLSI-EMC646SP16K-10LF Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC646SP16K-10LL EMLSI-EMC646SP16K-10LL Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC646SP16K-12L EMLSI-EMC646SP16K-12L Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
More results

Similar Description - EMC646SP16JU-70L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
logo
Samsung semiconductor
K3S7V2000M-TC SAMSUNG-K3S7V2000M-TC Datasheet
1Mb / 27P
   64M-Bit (4Mx16 /2Mx32) Synchronous MASKROM
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32160AC INFINEON-HYE18P32160AC Datasheet
1Mb / 53P
   32M Synchronous Burst CellularRAM
V2.0, December 2003
logo
Samsung semiconductor
K1S64161CC SAMSUNG-K1S64161CC Datasheet
204Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com