Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK633 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TK633
Description  Low TC Precision Radial-Lead Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TK633 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TK633 Datasheet HTML 1Page - List of Unclassifed Manufacturers TK633 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type TK Low TC Precision Radial-Lead Resistors with
the Tetrinox® resistance system solve the reliability problems
related to other low TC precision resistor technologies. The
robust construction of Caddock's Type TK Resistors provides
reliable operation even in harsh temperature cycling and/or
power cycling environments.
Type TK Low TC Precision Radial-Lead Film Resistors
provide a combination of performance advantages never
before available in a resistive component:
Low Temperature Coefficient - better than 5 ppm/°C,
10 ppm/°C, or 20 ppm/°C over the entire temperature range
from -55°C to +125°C!
Long-Term Absolute Stability - typically better than
±0.05% per 2,000 hours of operation.
Extended Resistance Range -
from 1 K ohm to 10 Megohm.
Precision Tolerances - ±0.1% is
standard, and tolerances of ±1%
and ±0.05% are available.
Wide Operating Temperature
Range - from -55°C to +175°C.
Small Size - with four miniature
rectangular cases for maximum
packaging density and minimum
mounting area.
High Power Density - with power
ratings of 0.2 Watt and 0.3 Watt in
molded cases, the largest of
which is a standard CK06 package.
Caddock's Non-Inductive Performance - provides faster
settling times and minimum distortion in all types of high
frequency circuits.
High Density Packaging - the radial-lead mounting and
small rectangular case of the Type TK resistors permit high
packaging densities in low profile circuitry. Because the
four models of the Type TK resistors are available in an
exceptionally wide range of resistance values, lead spacing
and mounting space can
be standardized in
a larger number
of designs.
Building on over 30 years of experience with our unique
complex oxide technology, Caddock has perfected the
Tetrinox® resistance system - the first high resistance system
to provide a TC that is well within 10 ppm/°C and that is also
essentially linear over the entire temperature range from
-55°C to +125°C.
The exceptional performance of Type TK resistors can
achieve improvements in many circuit applications:
Low TC "Matched-Pair" Voltage Dividers can be
Assembled Without Pre-Selection of Resistors.
An important application for Type TK resistors is in
"matched-pair" voltage dividers where the low 5 ppm/°C
temperature coefficient provides ratio tracking of less than
10 ppm/°C without resistor pre-selection or special testing.
With factory selection, Type TK resistor pairs can be
matched to within 1 ppm/°C.
Extended Resistance Range Reduces Power Requirements
Because the Type TK resistors provide resistance values
as high as 10 Megohms - values that are up to 100 times
higher than other types of ultra-low TC resistors - engineers
can now design precision circuits with lower current drain
and lower power requirements.
Low TC of 5 ppm/°C, 10 ppm/°C, or 20 ppm/°C and Resistance Range from 1 Kohm to 10 Megs
Type TK Low TC Precision Radial-Lead Film Resistors
(Photos show
resistors full size)
Ordering Information:
TK633 - 10.0 Meg - 0.1% - 10 ppm/°C
Model Number
Tolerance
Resistor Value
Temperature
Coefficient
Page 1 of 2
28_IL115.1004


Similar Part No. - TK633

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK633 CADDOCK-TK633 Datasheet
547Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
TK633V CADDOCK-TK633V Datasheet
547Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
More results

Similar Description - TK633

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
TK121 CADDOCK-TK121 Datasheet
547Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
List of Unclassifed Man...
MK120 ETC2-MK120 Datasheet
210Kb / 2P
   Precision Power Film Radial-Lead Resistors
TF020N ETC2-TF020N Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
TN130 ETC2-TN130 Datasheet
106Kb / 1P
   Lab Grade Low TC Precision Film Resistors
logo
Caddock Electronics, In...
MK200 CADDOCK-MK200 Datasheet
430Kb / 2P
   Type MK Precision Power Film Radial-Lead Resistors
TF020N CADDOCK-TF020N Datasheet
180Kb / 1P
   Type TF Low TC Ultra-Precision Film Resistors
TN130 CADDOCK-TN130 Datasheet
122Kb / 1P
   Type TN Lab Grade Low TC Precision Film Resistors
logo
List of Unclassifed Man...
USF240 ETC2-USF240 Datasheet
157Kb / 2P
   Ultra-Stable Low TC Film Resistors
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com