Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC326SP16AJZ-70LF Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJZ-70LF
Description  2Mx16 bit CellularRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJZ-70LF Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EMC326SP16AJZ-70LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJZ-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
2
Preliminary
32Mb Async/Page/Burst CellularRAM
FEATURES
- Sigle device supports asynchrous, page and burst operation
- Vcc, VccQ voltages:
1.7V~1.95V VCC
1.7V~1.95V VCCQ
- Random access time: 70ns
- Burst mode READ and WRITE access:
4, 8, 16, or 32 words, or continuous burst
Burst wrap or sequential
Max clock rate: 104 MHz (tCLK = 9.62ns) , 133MHz(tCLK = 7.5ns)
Burst initial latency: 38.5ns (4 clocks) @ 104 MHz ,
37.5ns(5 clocks) @ 133 MHz
tACLK: 7ns @ 104 MHz , 5.5ns @ 133 MHz
- Page mode READ access:
Sixteen-word page size
Interpage READ access : 70ns
Intrapage READ access : 20ns
- Low power consumption:
Asynchronous READ: <25mA
Intra page READ: <15mA
Initial access, burst READ:
(37.5ns [5 clocks] @ 133 MHz) <40mA
Continuous burst READ: <35mA
Deep power down: < 10uA(max.)
- Low-power features
On-chip temperature compensated self refresh (TCSR)
Partial array refresh (PAR)
Deep Power-down(DPD) mode
OPTIONS
- Configuration: 32Mb (2 megabit x 16)
- Vcc core / VccQ I/O voltage supply: 1.8V
- Timing: 70ns access
- Frequency: 83 MHz, 104 MHz, 133 MHz
- Standby current at 85°C
Low Low Power : 100
µA(max)
Low Power
: 120
µA(max)
Standard
: 140
µA(max)
- Operating temperature range:
Wireless -30°C to +85°C


Similar Part No. - EMC326SP16AJZ-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10L EMLSI-EMC326SP16AK-10L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LF EMLSI-EMC326SP16AK-10LF Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LL EMLSI-EMC326SP16AK-10LL Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-12L EMLSI-EMC326SP16AK-12L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
More results

Similar Description - EMC326SP16AJZ-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S3216B1C SAMSUNG-K1S3216B1C Datasheet
180Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
K1S321611C SAMSUNG-K1S321611C Datasheet
179Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32160AC INFINEON-HYE18P32160AC Datasheet
1Mb / 53P
   32M Synchronous Burst CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com