Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC210 Datasheet(PDF) 7 Page - Artesyn Technologies

Part # ATC210
Description  Integrated Power Conversion and Power Management Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATC210 Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button ATC210 Datasheet HTML 3Page - Artesyn Technologies ATC210 Datasheet HTML 4Page - Artesyn Technologies ATC210 Datasheet HTML 5Page - Artesyn Technologies ATC210 Datasheet HTML 6Page - Artesyn Technologies ATC210 Datasheet HTML 7Page - Artesyn Technologies ATC210 Datasheet HTML 8Page - Artesyn Technologies ATC210 Datasheet HTML 9Page - Artesyn Technologies ATC210 Datasheet HTML 10Page - Artesyn Technologies ATC210 Datasheet HTML 11Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ATC210 Dual Series | 210 W DC-DC
Intermediate Bus Converters
7
www.artesyn.com
File Name: atc210.pdf Rev: 16 Aug 2006
Electrical Characteristics - O/P
Electrical Characteristics - O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Management Power - 3.3V
Nominal set-point voltage
Vo (nom)
3.32
Vdc
Vin = Vin(nom)
Total regulation band
Vo
3.20
3.40
V
For all line, static load and
temperature variations
Output current continuous
Iout
1.81
Adc
Output current limit
Iout_95%
2.7
Adc
Current measured at
approximately 95% of output
voltage
Output current at short circuit
Is/c
3.7
4.0
Adc
Short circuit of less than 10 m
Output self recovers upon
removal of the short circuit
Output voltage monitor limits
Vuvp
2.94
3.00
Vdc
If the 3.3 V goes outside these
Vovp
3.60
3.67
Vdc
limits, the 12 V output is
disabled. The 12 V output is
enabled again by cycling input
power, or by resetting via I2C
Output voltage - noise, pk-pk
Vpk-pk
0
25
50
mV p-p
Measurement bandwidth 20 MHz
Vrms
0
8
22
mV rms
Measurement bandwidth 20 MHz
Output voltage during hold up
Vo (hold)
3.25
Vdc
Lowest value of Vo @ Iout max
event
with input removed for hold up
duration with recommended hold
up capacitance
Output capacitance
Co/p
100
1000
µF
Capacitance should be low ESR
type . See Application Note 205
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Main Output - 12V
Nominal set-point voltage
Vo (nom)
12.2
Vdc
Vin = Vin (nom)
Total regulation band
Vo
11.4
12.6
V
For all line, static load and
temperature variations
Output current continuous
Iout
0
17.5
Adc
Output current limit
Iocp
21.6
22.5
23.4
Adc
During a short-circuit or when
current limit of 12 V is exceeded,
12 V latches off, 3.3 V remains
on. The 12 V can only be
enabled by cycling power, or
via the I2C interface, providing
the fault condition has cleared.
See Application Note 205
Overvoltage protection for IBC
Vovp
13.4
14.6
15.9
OVP response time is 50 µs (typ.)
Output voltage - noise, pk-pk
Vpk-pk
0
50
100
mV p-p
Measurement bandwidth 20 MHz
Vrms
0
20
50
mVrms
Measurement bandwidth 20 MHz
Output voltage during hold up
Vo (hold)
11
Vdc
Lowest value of Vo @ Iout max.
event
with input removed for hold up
duration with recommended hold
up capacitance
Output capacitance
Co/p
1000
6000
µF
Capacitance should be low ESR
type. See Application Note 205


Similar Part No. - ATC210

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC210 ATMEL-ATC210 Datasheet
500Kb / 16P
   Dual-Input Bus Converter
logo
Emerson Network Power
ATC210 EMERSON-NETWORKPOWER-ATC210 Datasheet
487Kb / 16P
   Dual-Input Bus Converter
logo
ATMEL Corporation
ATC210-48D12-03J ATMEL-ATC210-48D12-03J Datasheet
500Kb / 16P
   Dual-Input Bus Converter
logo
Emerson Network Power
ATC210-48D12-03J EMERSON-NETWORKPOWER-ATC210-48D12-03J Datasheet
487Kb / 16P
   Dual-Input Bus Converter
More results

Similar Description - ATC210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Shenzhen Huazhimei Semi...
HM5826 HMSEMI-HM5826 Datasheet
1Mb / 7P
   Mobile power management solution
HM5805E HMSEMI-HM5805E Datasheet
2Mb / 10P
   Mobile power management solution
HM5827 HMSEMI-HM5827 Datasheet
886Kb / 6P
   Mobile power management solution
logo
Analog Devices
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
   Wearable Power-Management Solution
Rev 0; 3/23
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
   Wearable Power Management Solution
Rev 6; 10/17
logo
Shenzhen Huazhimei Semi...
HM5828 HMSEMI-HM5828 Datasheet
1Mb / 6P
   Mobile power management solution
logo
Unisonic Technologies
L8200 UTC-L8200_15 Datasheet
206Kb / 6P
   SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com