Electronic Components Datasheet Search |
|
PSD935G1-B-70M Datasheet(PDF) 4 Page - STMicroelectronics |
|
PSD935G1-B-70M Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 91 page PSD935G2 PSD9XX Family t A simple interface to 8-bit microcontrollers that use either multiplexed or non-multiplexed busses. The bus interface logic uses the control signals generated by the microcontroller automatically when the address is decoded and a read or write is performed. A partial list of the MCU families supported include: • Intel 8031, 80196, 80188, 80C251 • Motorola 68HC11 and 68HC16 • Philips 8031 and 80C51XA • Zilog Z80, Z8 and Z180 • Infineon C500 family t 4 Mbit Flash memory. This is the main Flash memory. It is divided into eight equal-sized blocks that can be accessed with user-specified addresses. t Internal secondary 256 Kbit Flash boot memory. It is divided into four equal-sized blocks that can be accessed with user-specified addresses. This secondary memory brings the ability to execute code and update the main Flash concurrently. t 64 Kbit SRAM. The SRAM’s contents can be protected from a power failure by connecting an external battery. t General Purpose PLD (GPLD) with 24 outputs. The GPLD may be used to implement external chip selects or combinatorial logic function. t Decode PLD (DPLD) that decodes address for selection of internal memory blocks. t 52 individually configurable I/O port pins that can be used for the following functions: • MCU I/Os • PLD I/Os • Latched MCU address output • Special function I/Os. • I/O ports may be configured as open-drain outputs. t Standby current as low as 50 µA for 5 V devices. t Built-in JTAG compliant serial port allows full-chip In-System Programmability (ISP). With it, you can program a blank device or reprogram a device in the factory or the field. t Internal page register that can be used to expand the microcontroller address space by a factor of 256. t Internal programmable Power Management Unit (PMU) that supports a low power mode called Power Down Mode. The PMU can automatically detect a lack of microcontroller activity and put the PSD9XX into Power Down Mode. t Erase/Write cycles: • Flash memory – 100,000 minimum • PLD – 1,000 minimum 2.0 Key Features 3 3.0 PSD9XX Series Part # Flash Flash Main Boot Serial ISP Memory Memory PSD9XX I/O PLD Input Output PLD JTAG/ISP Kbit Kbit SRAM Supply Series Device Pins Inputs Macrocells Macrocells Outputs Port 8 Sectors (4 Sectors) Kbit Voltage PSD935G2 52 66 24 Yes 4096 256 64 5V PSD9XX PSD913G2 27 57 19 Yes 1024 256 16 5V PSD934F2 27 57 19 Yes 2048 256 64 5V Table 1. PSD9XX Product Matrix |
Similar Part No. - PSD935G1-B-70M |
|
Similar Description - PSD935G1-B-70M |