Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7643SU16HZ-55LF Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM7643SU16HZ-55LF
Description  4M x 16Bit Asynchronous / Page Mode StRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7643SU16HZ-55LF Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM7643SU16HZ-55LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7643SU16HZ-55LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EM7643SU16H
4Mx16 Async. / Page StRAM
4
Preliminary
Rev. 0.0
OPERATION MODE
Note: X means don’t care. (Must be low or high state)
ABSOLUTE MAXIMUM RATINGS (SEE NOTE1)
DC RECOMMENDED OPERATING CONDITIONS(Ta = -25℃ to 85 ℃)
VIH(Max) VDD+1.0V with 10ns pulse width
VIL(Min)-1.0V with 10ns pulse width
CE1
CE2
OE
WE
LB
UB
Add
DQ0 to DQ7 DQ8 to DQ15
Mode
Power
L
H
L
H
L
L
X
Data Out
Data Out
Read(Word)
IDD0
L
H
L
H
L
H
X
Data Out
High-Z
Read(Lower Byte)
IDD0
L
H
L
H
H
L
X
High-Z
Data Out
Read(Upper Byte)
IDD0
L
H
X
L
L
L
X
Data In
Data In
Write(Word)
IDD0
L
H
X
L
L
H
X
Data In
Invalid
Write(Lower Byte)
IDD0
L
H
X
L
H
L
X
Invalid
Data In
Write(Upper Byte)
IDD0
L
H
H
H
X
X
X
High-Z
High-Z
Outputs Disabled
IDD0
H
H
X
X
X
X
X
High-Z
High-Z
Standby
IDDS
H
L
X
X
X
X
X
High-Z
High-Z
Deep Power-down
Standby
IDDSD
SYMBOL
RATING
VALUE
UNIT
VDD
Device Power Supply Voltage
-1.0 to 3.6
V
VIN
Input Voltage
-1.0 to 3.6
V
VOUT
Output Voltage
-1.0 to 3.6
V
Topr.
Operating Temperature
-25 to 85
Tstrg.
Stroage Temperature
-55 to 150
PD
Power Dissipation
0.6
W
IOUT
Short Circuit Output Current
50
mA
SYMBOL
PARAMETER
MIN
TYP
Max
Unit
VDD
Device Power Supply Voltage
2.6
2.75
3.3
V
VIH
Input High Voltage
0.8*VDD
-
VDD + 0.3
VIL
Input Low Voltage
-0.3
-
0.15*VDD


Similar Part No. - EM7643SU16HZ-55LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7640FP32BT-12LL EMLSI-EM7640FP32BT-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-12S EMLSI-EM7640FP32BT-12S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55LL EMLSI-EM7640FP32BT-55LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BT-55S EMLSI-EM7640FP32BT-55S Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7640FP32BW-12LL EMLSI-EM7640FP32BW-12LL Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7643SU16HZ-55LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com