Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM782SP16AW-10L Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM782SP16AW-10L
Description  512K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM782SP16AW-10L Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM782SP16AW-10L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM782SP16AW-10L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM782SP16A
512Kx16 Multiplexed STRAM
5
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.2V to VCCQ-0.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : VCCQ/2
Output Load (See right) : CL1) = 30pF
1. Including scope and Jig capacitance
CL1)
Parameter List
Symbol
Speed
Unit
Min
Max
Common
AVD Low pulse
tAVD
15
1000
ns
Address setup to AVD rising edge
tAVDS
15
-
ns
Address hold from AVD rising edge
tAVDH
5
-
ns
Chip enable setup to AVD rising edge
tCSS
7
-
ns
Read
AVD low to data valid time
tACC1
-
70
ns
Address access time
tACC2
-
70
ns
Chip enable to data output
tACC3
-
70
ns
Address disable to output enable
tADOE
0
-
ns
Output enable to valid output
tOE
-
25
ns
UB, LB enable to data output
tUBLBA
-
25
ns
UB, LB enable to low-Z output
tBLZ
5
-
ns
Output enable to low-Z output
tOLZ
5
-
ns
Chip disable to high-Z output
tHZ
-
15
ns
UB, LB disable to high-Z output
tBHZ
-
15
ns
Output disable to high-Z output
tOHZ
-
15
ns
Write
AVD low to end of write
tACW1
70
-
ns
Address valid to end of write
tACW2
70
-
ns
Chip enable to end of write
tACW3
70
-
ns
Write pulse low
tWRL
45
-
ns
UB, LB valid to end of write
tBW
50
-
ns
Data to write time overlap
tDW
25
-
ns
Data hold from write time
tDH
0
-
ns
AC CHARACTERISTICS (Vcc = 1.7 to 1.9V, Gnd = 0V, TA = -25C to +85oC)
Dout


Similar Part No. - EM782SP16AW-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM782SP16AW-10L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
logo
Elite Semiconductor Mem...
M12L16161A2Q ESMT-M12L16161A2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com