Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXO-5332 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-5332
Description  2.5~3.3V Tight Stability Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-5332 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-5332 Datasheet HTML 1Page - Golledge Electronics Ltd GXO-5332 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Open
1’ level
0’ level
Enabled
Enabled
High Impedance
5.00000
10.00000
12.00000
16.00000
20.00000
24.00000
32.00000
40.00000
44.00000
2.5~3.3V Tight Stability Oscillator
GXO-5332
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
05 Oct 2007
ACTUAL SIZE
TOP VIEW
5.00
±0.20
3.20
±0.20
1.05
±0.10
2.60
1.60
1.00
1.60
1.00
1.30
1.30
2.60
SOLDER PAD LAYOUT
12
3
4
12
0.70
1.10
3
4
TPx4
PAD
1
2
3
4
CONNECTION
Enable / disable
Ground
Output
Supply
TP = Test Point
Features
« High stability forWiMax,LAN etc
« Low current consumption
« Enable / disable tristate function
« Miniature ceramic package with metal lid
« Competitive pricing
Product name + variant + option code + frequency
eg: GXO-5332L/E 40.0MHz 3.3V, ±15ppm
GXO-5332J/F 32.0MHz 2.5V, ±10ppm
Ordering Information
Scale 3:1
Enable / Disable Function
Input (pad 1)
Output (pad 3)
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change, reflow and ageing.
Specifications
GXO-5332J: 2.5V supply
GXO-5332N: 3.0V supply
GXO-5332L: 3.3V supply
Option
Codes
JN
L
Variant
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Frequency range:
4.0 ~ 54.0MHz
Frequency stability*:
±15ppm
E
±10ppm
F
Operating temperature range:
-40 to +85°C
Storage temperature range:
-40 to +85°C
Supply voltage (V
DD):
+2.5V (±10%)
+3.0V (±10%)
+3.3V (±10%)
Supply current:
7mA max
(3.1mA typ @ 40MHz, 2.5V)
Logic levels:
0’ level = 10%V
DD max
1’ level = 90%V
DD min
Start up time:
0.2ms typ
Waveform symmetry:
45:55 max @ 50%V
DD
Driving ability:
15pF HCMOS
Rise / fall time:
5ns max
Enable / disable function:
Tristate (control via pad 1)
(E/D times 100µs / 100µs typ)
Stand-by current:
10µA max
Period jitter RMS:
3ps typ
Phase jitter RMS:
0.09ps typ, 12kHz~10MHz
Phase noise:
-143dBc/Hz typ @ 10kHz
Frequencies in MHz
Standard Frequencies
Other frequencies available. Please consult our sales office.


Similar Part No. - GXO-5332

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-5332J GOLLEDGE-GXO-5332J Datasheet
201Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-5332J GOLLEDGE-GXO-5332J Datasheet
580Kb / 5P
   2.5V Tight Stability Oscillator with Low Jitter
GXO-5332J/F GOLLEDGE-GXO-5332J/F Datasheet
201Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-5332L GOLLEDGE-GXO-5332L Datasheet
201Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-5332L GOLLEDGE-GXO-5332L Datasheet
579Kb / 5P
   3.3V Tight Stability Oscillator with Low Jitter
More results

Similar Description - GXO-5332

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-3232 GOLLEDGE-GXO-3232 Datasheet
170Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332 Datasheet
82Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332_16 Datasheet
201Kb / 2P
   2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332_16 Datasheet
171Kb / 2P
   1.8 ~ 3.3V Tight Stability Oscillator
GXO-U129L GOLLEDGE-GXO-U129L Datasheet
564Kb / 4P
   3.3V 7x5mm Oscillator with Tight Stability
GXOU129 GOLLEDGE-GXOU129 Datasheet
63Kb / 1P
   3.3V & 5V CMOS Oscillator Tight Stability
GXO-5331 GOLLEDGE-GXO-5331 Datasheet
568Kb / 5P
   3.3V SM Oscillator with Tight Stability
logo
Fox Electronics
F4100 FOX-F4100 Datasheet
200Kb / 2P
   3.3V, HCMOS, Tight Stability, SMD Oscillator
logo
Golledge Electronics Lt...
GXO-U129 GOLLEDGE-GXO-U129_16 Datasheet
133Kb / 1P
   3.3V & 5V CMOS Oscillator - Tight Stability
logo
Fox Electronics
F4100TS FOX-F4100TS Datasheet
502Kb / 2P
   3.3V, HCMOS, Tight Stability, SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com