Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM782SP16A-12LL Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM782SP16A-12LL
Description  512K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM782SP16A-12LL Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM782SP16A-12LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM782SP16A-12LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM782SP16A
512Kx16 Multiplexed STRAM
2
FEATURES
- Process Technology : 0.13
µm CMOS process
-
Organization :512K x16
-
Power Supply Voltage : 1.7~1.9V
- Multiplexed address and data bus
-
Three state outputs
-
Auto TCSR for power saving
GENERAL WAFER SPECIFICATIONS
-
Deep trench process
-
3 Metal layers including local inter-connection
-
Wafer diameter : 8-inch
512K x16 Bit Multiplexed Single Transistor RAM
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
512K X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
ADDRESS/DATA
Multiplexer
Din/Dout BUFFER
ADQ0~
ADQ15
A16~A18
/AVD
/CS
/UB
/LB
/WE
/OE
Name
Function
Name
Function
/CS
Chip select inputs
/LB
Lower byte (ADQ0~7)
/OE
Output enable input
/UB
Upper byte (ADQ8~15)
/WE
Write enable input
VCC
Power supply
/AVD
Address valid input
VCCQ I/O Power supply
ADQi Address/Data In-out
VSS(Q) Ground
Ai
Address inputs
NC
No connection
PAD DESCRIPTION


Similar Part No. - EM782SP16A-12LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM782SP16A-12LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM742SP16 EMLSI-EM742SP16 Datasheet
392Kb / 10P
   256K x 16Bit Multiplexed Single Transistor RAM
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
logo
Elite Semiconductor Mem...
M12L16161A2Q ESMT-M12L16161A2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com