Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM7164SU16W-90S Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM7164SU16W-90S
Description  1M x 16 bit Single Transistor RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7164SU16W-90S Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7164SU16W-90S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EM7164SU16W-90S Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EM7164SU16W Series
1Mx16 Single Transistor RAM
10
Preliminary
LOW POWER MODES
Deep Power Down Mode Entry/Exit
tCSZZ
CS
ZZ
tZZCS
Deep Power Down Entry
tR
Deep Power Down Exit
Normal
operation
tZZP
Low Power Mode Characteristics
Parameter
Description
Min.
Max.
Units
tZZCS
ZZ low to CS low
0
-
ns
tCSZZ
CS high to ZZ high
0
-
ns
tR
Operation Recovery Time
200
-
us
tZZP
ZZ pulse width
20
-
ns
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Deep Power Down
Current
IZZ
ZZ < 0.2V, Other inputs = 0 ~ VCCQ
(Max. condition : VCC=3.3V @ 85oC)
-
-
10
uA
NOTES ( DEEP POWER DOWN )
During Deep Power Down mode, all referesh related activity are disabled.


Similar Part No. - EM7164SU16W-90S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10L EMLSI-EM7164SU16-10L Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LF EMLSI-EM7164SU16-10LF Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10LL EMLSI-EM7164SU16-10LL Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
EM7164SU16-10S EMLSI-EM7164SU16-10S Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
More results

Similar Description - EM7164SU16W-90S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7164SU16 EMLSI-EM7164SU16 Datasheet
316Kb / 13P
   1M x 16 bit Single Transistor RAM
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
logo
Cypress Semiconductor
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
Cypress Semiconductor
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com