Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC326SP16AJU-90LL Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJU-90LL
Description  2Mx16 bit CellularRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJU-90LL Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJU-90LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJU-90LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
6
Preliminary
General Description
CellularRAM products are high-speed, CMOS pseudo-static random access memory developed for low-power, portable applications.
The 32Mb CellularRAM device has a DRAM core organized as 2 Meg x 16 bits. These devices include an industry-standard burst
mode Flash interface that dramatically increase read/write bandwidth compared with other low-power SRAM or Pseudo SRAM offer-
ing.
To operate seamlessly on a burst Flash bus, CellularRAM products incorporate a transparent self refresh mechanism. The hidden
refresh requires no additional support from the system memory controller and has no significant impact on device READ/WRITE per-
formance.
Two user-accessible control registers define device operation. The bus configuration register (BCR) defines how the CellularRAM
device interacts with the system memory bus and is nearly identical to its counterpart on burst mode Flash devices. The refresh con-
figuration register (RCR) is used to control how refresh is performed on the DRAM array. These registers are automatically loaded
with default settings during power-up and can be updated anytime during normal operation.
Special attention has been focused on standby current consumption during self refresh. 32Mb CellularRAM products include three
mechanisms to minimize standby current. Partial array refresh (PAR) enables the system to limit refresh to only that part of the DRAM
array that contains essential data. Temperature compensated refresh (TCR) uses an onchip sensor to adjust the refresh rate to match
the device temperature-the refresh rate decreases at lower temperatures to minimize current consumption during standby. Deep
power-down (DPD) enables the system to halt the refresh operation altogether when no vital information is stored in the device. The
system configurable refresh mechanisms are accessed through the RCR.
This 32Mb CellularRAM devices is compliant with the industry-standard CellularRAM 1.5 feature set established by the CellularRAM
Workgroup. It includes support for both variable and fixed latency, with three output-device drive-strength settings, additional wrap
options, and a device ID register (DIDR).
Figure 1 : Functional Block Diagram - 2 meg x 16
Note: Functional block diagrams illustrate simplified device operation. See pin descriptions(Table 1); Bus operations table(Table 2); and timing diagrams
for detailed information.
Control
Logic
CLK
CE#
WE#
OE#
ADV#
CRE
LB#
UB#
WAIT
Address Decode
Logic
Refresh Configuration
Register (RCR)
Device ID Register
(DIDR)
Bus Configuration
Register (BCR)
2,048K x 16
DRAM
MEMORY
ARRAY
Input
Output
MUX
and
Buffers
DQ[7:0]
DQ[15:8]
A[20:0]
External
Internal


Similar Part No. - EMC326SP16AJU-90LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10L EMLSI-EMC326SP16AK-10L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LF EMLSI-EMC326SP16AK-10LF Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-10LL EMLSI-EMC326SP16AK-10LL Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC326SP16AK-12L EMLSI-EMC326SP16AK-12L Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
More results

Similar Description - EMC326SP16AJU-90LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AK EMLSI-EMC326SP16AK Datasheet
489Kb / 52P
   2Mx16 bit CellularRAM AD-MUX
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
K1S3216B1C SAMSUNG-K1S3216B1C Datasheet
180Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
K1S321611C SAMSUNG-K1S321611C Datasheet
179Kb / 10P
   2Mx16 bit Uni-Transistor Random Access Memory
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32160AC INFINEON-HYE18P32160AC Datasheet
1Mb / 53P
   32M Synchronous Burst CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com