Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

184104M63RAA-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 184104M63RAA-F
Description  Radial Box Metallized Polyester Capacitors for Automatic Insertion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

184104M63RAA-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  184104M63RAA-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 184104M63RAA-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 184104M63RAA-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 184104M63RAA-F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
Radial Box Metallized Polyester Capacitors for Automatic Insertion
Specifications
The Type 167/184 series radial lead metallized polyester
box capacitors are available in bulk (Type 167) or on
ammo pack or radial tape and reel (Type 184). These
capacitors are constructed in rugged rectangular plas-
tic cases and all come with 7.5 mm (0.3) lead spacing.
They are good for general purpose applications such as
bypass, decoupling, energy storage/discharge and arc
suppression.
Highlights
Rugged plastic case
Case and epoxy fill meets UL94V0
7.5 mm (0.3) lead spacing
Bulk, tape and reel or ammo pack
Non-inductively wound
Non-polar
RoHS Compliant
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand Voltage:
Dissipation Factor (DF):
Total Self Inductance (L):
Maximum Pulse Rise Time (dv/dt):
0.001 µF to 1.0 µF
63 Vdc to 630 Vdc (40 Vac to 250 Vac, 60 Hz)
±5%, ±10%, ±20%
–55 ºC to +125 ºC (with 50% Vdc derating >85 ºC)
1.6 x rated voltage for 2 sec @ +25 ºC ±5 ºC
tanδ x 10–4 at 25 ºC ±5 ºC
kHz
tanδ x 10–4
1
≤100
10
≤150
Approximately 8 nH
Vn
V/µs
63
12
100
20
250
32
400
41
630
70
If the working voltage (V) is less than the nominal voltage
(Vn), the capacitor can work at higher dv/dt. In this case, the
maximum value allowed is obtained by multiplying the above
value with the ratio Vn/V.
Long Term Stability (after two years)
Storage
Standard Environmental Conditions
Performance
Capacitance Change ∆C/C ≤ ±3%
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 184104M63RAA-F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
184113-1 MACOM-184113-1 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
PHOENIX CONTACT
1841161 PHOENIX-1841161 Datasheet
162Kb / 5P
   MC 1,5/12-G-3,5
1841161 PHOENIX-1841161 Datasheet
388Kb / 12P
   MC 1,5/ 3-G-3,5 P26 THR
1841161 PHOENIX-1841161 Datasheet
397Kb / 12P
   MC 1,5/ 6-G-3,5 P26 THR
1841161 PHOENIX-1841161 Datasheet
402Kb / 12P
   MC 1,5/ 8-G-3,5 P26 THR
More results

Similar Description - 184104M63RAA-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
16022463C-F ETC2-16022463C-F Datasheet
779Kb / 5P
   Metallized Polyester Radial Lead Capacitors
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DSF050J103 CDE-DSF050J103 Datasheet
119Kb / 2P
   Polyester Capacitors Stacked Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com