Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM742SP16AW-45LL Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16AW-45LL
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16AW-45LL Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16AW-45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16AW-45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
2
FEATURES
- Process Technology : 0.13
µm CMOS process
-
Organization :256K x16
-
Power Supply Voltage : 1.7~1.9V
- Multiplexed address and data bus
-
Three state outputs
-
Auto TCSR for power saving
GENERAL WAFER SPECIFICATIONS
-
Deep trench process
-
3 Metal layers including local inter-connection
-
Wafer diameter : 8-inch
256K x16 Bit Multiplexed Single Transistor RAM
FUNCTION BLOCK DIAGRAM
COLUMN SELECT
I/O CIRCUIT
Memory Array
256K X 16
Self-Refresh
CONTROL
CONTROL
LOGIC
ADDRESS
DECODER
ADDRESS/DATA
Multiplexer
Din/Dout BUFFER
ADQ0~
ADQ15
A16~A17
/AVD
/CS
/UB
/LB
/WE
/OE
Name
Function
Name
Function
/CS
Chip select inputs
/LB
Lower byte (ADQ0~7)
/OE
Output enable input
/UB
Upper byte (ADQ8~15)
/WE
Write enable input
VCC
Power supply
/AVD Address valid input
VCCQ I/O Power supply
ADQi Address/Data In-out
VSS(Q) Ground
Ai
Address inputs
NC
No connection
PAD DESCRIPTION


Similar Part No. - EM742SP16AW-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16AW-45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com